Electronic Components Datasheet Search
  English  ▼

X  

SCM30S Datasheet(PDF) 1 Page - Allied Components International

Part # SCM30S
Description  SMD Wirewound Common Mode Filter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

SCM30S Datasheet(HTML) 1 Page - Allied Components International

  SCM30S Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Allied
Part
Number
SCM30S SMD Wirewound Common Mode Filter
Common Mode
Impedance
(Ω)
RoHS
ALLIED COMPONENTS INTERNATIONAL
949-356-1780
www.alliedcomponents.com
SCM30S-900T-RC
10M
125
50
2000
90±25%
All specifications subject to change without notice.
REVISED 02/03/2017
0.05
100
SCM30S-601T-RC
600±25%
100
0.24
1500
50
125
10M
SCM30S-801T-RC
800±25%
100
0.24
1000
50
125
10M
1
10
100
1000
FREQUENCY(MHz)
1
10
100
1000
SCM30S-900T-RC
Common Mode
Normal Mode
1
10
100
1000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
SCM30S-601T-RC
Common Mode
Normal Mode
1
10
100
1000
FREQUENCY(MHz)
0.1
1
10
100
1000
10000
SCM30S-801T-RC
Common Mode
Normal Mode
Schematic
Test
Frequency
(MHz)
DCR
(Ω)
Max
Rated
Current
(mA) Max
Rated
Volt (Vdc)
Max
Withstand
Volt (Vdc)
Max
IR
(Ω)
Min.
Dimensions: Inches
(mm)
Features
• Minature SMD common mode filter
• Suitable for automated assembly
• Excellent solderability
• SCM series offers wide impedance
range
Electrical
Impedance range: 90Ω to 800Ω
Tolerance: 25% over entire range
Operating Temp: -40ºC to +125ºC
• Excellent noise attenuation in a small
package
Test Frequency: 100MHz
Physical
Packaging: 500 pieces per 7 inch reel
Marking: None
Test Equipment
Insulation Resistance: HP4339
(DCR): HP4338B
(Z): HP4291A+HP16197A
Resistance to Solder Heat
Solder Time: 10±1 Second
Temp Ramp Immersion/Emmersion Rate:
Withstand Voltage: 125Vdc Max
.039±.003
1.0±0.1
.039±.003
1.0±0.1
.047±.003
1.2±0.1
.047±.003
1.2±0.1
.177±.007
4.5±0.2
.110±.007
2.8±0.2
.125±.007
3.2±0.2
Rated Current: ▲T 40ºC Max
25mm/S ±6mm/S
Number of Heat Cycles: 1


Similar Part No. - SCM30S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SCM3000C SANKEN-SCM3000C Datasheet
1,012Kb / 41P
600 V, 10 A / 15 A 3-phase Brushless Motor Driver ICs
Aug. 21, 2017 Rev.1.2
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
SCM30F-101-RC ALLIED-SCM30F-101-RC Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
SCM30F-510-RC ALLIED-SCM30F-510-RC Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
More results

Similar Description - SCM30S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
NT2012 TOKO-NT2012 Datasheet
344Kb / 4P
WIREWOUND COMMON MODE FILTER
NT2012F TOKO-NT2012F Datasheet
227Kb / 4P
WIREWOUND COMMON MODE FILTER
logo
Superworld Electronics
W4F300-RD-10 SUPERWORLD-W4F300-RD-10 Datasheet
371Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
W3F900-RD-10 SUPERWORLD-W3F900-RD-10 Datasheet
283Kb / 6P
WIREWOUND TYPE COMMON MODE FILTER
logo
Allied Components Inter...
SCM30F ALLIED-SCM30F Datasheet
341Kb / 1P
SMD Wirewound Common Mode Filter
logo
Superworld Electronics
W3NL670-RD-10 SUPERWORLD-W3NL670-RD-10 Datasheet
1Mb / 7P
WIREWOUND TYPE Common Mode Filter
W2012F500-RD-10 SUPERWORLD-W2012F500-RD-10 Datasheet
428Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
WAQ7FN110-RB-10 SUPERWORLD-WAQ7FN110-RB-10 Datasheet
420Kb / 6P
Wirewound Type Common Mode Filter
W1210F500-RB-10 SUPERWORLD-W1210F500-RB-10 Datasheet
432Kb / 9P
WIREWOUND TYPE COMMON MODE FILTER
logo
Allied Components Inter...
SCM10S ALLIED-SCM10S Datasheet
2Mb / 4P
SMD Wirewound Common Mode Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com