Electronic Components Datasheet Search
  English  ▼

X  

MP28200 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP28200
Description  Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28200 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP28200 Datasheet HTML 9Page - Monolithic Power Systems MP28200 Datasheet HTML 10Page - Monolithic Power Systems MP28200 Datasheet HTML 11Page - Monolithic Power Systems MP28200 Datasheet HTML 12Page - Monolithic Power Systems MP28200 Datasheet HTML 13Page - Monolithic Power Systems MP28200 Datasheet HTML 14Page - Monolithic Power Systems MP28200 Datasheet HTML 15Page - Monolithic Power Systems MP28200 Datasheet HTML 16Page - Monolithic Power Systems MP28200 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP28200 – 5.5V, 200
mA, 1.5MHz, ULTRA-LOW IQ, STEP-DOWN CONVERTER
MP28200 Rev.1.0
www.MonolithicPower.com
16
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
MP28200GG
VIN
CTRL2
CTRL1
OUT
GND
PG
C2
10µF
C1
10µF
SW
L1
2.2µH
CTRL3
R1
100kΩ
Figure 3: Typical Application Circuit for the MP28200GG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com