Electronic Components Datasheet Search
  English  ▼

X  

MP28200GG Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP28200GG
Description  Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28200GG Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP28200GG Datasheet HTML 4Page - Monolithic Power Systems MP28200GG Datasheet HTML 5Page - Monolithic Power Systems MP28200GG Datasheet HTML 6Page - Monolithic Power Systems MP28200GG Datasheet HTML 7Page - Monolithic Power Systems MP28200GG Datasheet HTML 8Page - Monolithic Power Systems MP28200GG Datasheet HTML 9Page - Monolithic Power Systems MP28200GG Datasheet HTML 10Page - Monolithic Power Systems MP28200GG Datasheet HTML 11Page - Monolithic Power Systems MP28200GG Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP28200 – 5.5V, 200
mA, 1.5MHz, ULTRA-LOW IQ, STEP-DOWN CONVERTER
MP28200 Rev.1.0
www.MonolithicPower.com
8
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, VOUT = 1.8V, L1 = 2.2µH, CIN = 10µF, COUT = 10µF, TA = +25°C, unless otherwise noted.
VIN
5V/div.
VSW
2V/div.
VOUT/AC
20mV/div.
IL
100mA/div.
VIN
5V/div.
VSW
2V/div.
VOUT/AC
20mV/div.
IL
200mA/div.
VIN
5V/div.
VSW
2V/div.
VOUT/AC
10mV/div.
IL
200mA/div.
VIN
5V/div.
VSW
2V/div.
VOUT/AC
10mV/div.
IL
200mA/div.
Steady State
IOUT = 0A
Steady State
IOUT = 0.2A
Steady State
VOUT = 3.3V, IOUT = 0A
Steady State
VOUT = 3.3V, IOUT = 0.2A
VOUT
2V/div.
VCTRL1/3
5V/div.
VSW
2V/div.
IL
500mA/div.
VOUT
2V/div.
VCTRL1/3
5V/div.
VSW
2V/div.
IL
200mA/div.
VOUT
2V/div.
VCTRL1/3
5V/div.
VSW
2V/div.
IL
200mA/div.
VOUT
2V/div.
VCTRL1/3
5V/div.
VSW
2V/div.
IL
200mA/div.
CTRL On
IOUT = 0A
CTRL On
IOUT = 0.2A
CTRL Off
IOUT = 0A
CTRL Off
IOUT = 0.2A
VOUT
2V/div.
VPG
5V/div.
VSW
2V/div.
IL
200mA/div.
PG On
IOUT = 0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com