Electronic Components Datasheet Search
  English  ▼

X  

MP28300GG Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP28300GG
Description  Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP28300GG Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP28300GG Datasheet HTML 1Page - Monolithic Power Systems MP28300GG Datasheet HTML 2Page - Monolithic Power Systems MP28300GG Datasheet HTML 3Page - Monolithic Power Systems MP28300GG Datasheet HTML 4Page - Monolithic Power Systems MP28300GG Datasheet HTML 5Page - Monolithic Power Systems MP28300GG Datasheet HTML 6Page - Monolithic Power Systems MP28300GG Datasheet HTML 7Page - Monolithic Power Systems MP28300GG Datasheet HTML 8Page - Monolithic Power Systems MP28300GG Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP28300
Ultra-Low 500nA Iq, Wide Input 2V-5.5V,
300mA Step-Down Regulator Plus300nA Iq,
2V-5.5V Input, 100mA LDO in 2x2 QFN
MP28300 Rev.1.01
www.MonolithicPower.com
1
6/6/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The
MP28300
is
a
monolithic
power-
management unit containing 300mA, high-
efficiency, step-down, switching converters and
a
100mA
LDO
regulator.
The
nanoamp
quiescent
current
provides
extremely
high
efficiency when the load current is down in the
µA range. With minimum input voltage as low
as 2V, the MP28300 allows the system to
operate directly from the battery.
The constant-on-time control scheme provides
fast
transient
response,
high
light-load
efficiency, and requires minimal capacitance.
The regulation can be made tight by integrating
an error amplifier to correct the output voltage.
An 100mA LDO regulator provides easy system
configuration with clean output voltage.
The CTRL pins control the on/off and output
voltage selection functions.
Fault protection features include under-voltage
lockout (UVLO), over-current protection (OCP),
and thermal shutdown.
The MP28300 requires a minimal number of
readily
available,
standard,
external
components and is available in a small QFN-12
(2mmx2mm) package.
FEATURES
 300mA Buck Switcher
o
Ultra-Low Iq: 500nA
o
Wide 2.0V to 5.5V Operating Input
Range
o
7 Selectable Output Voltages
o
Up to 300mA Output Current
o
1.5MHz
Switching
Frequency
in
Continuous Conduction Mode (CCM)
o
100% Duty Cycle in Dropout
o
0.25
Ω
and
0.25
Ω
Internal
Power
MOSFET Switches
o
Cycle-by-Cycle Over-Current Protection
(OCP)
o
Short-Circuit
Protection
(SCP)
with
Hiccup Mode
 100mA LDO
o
Ultra-Low Iq: 300nA
o
2.0V to 5.5V Operating Input Range
o
3 Selectable Output Voltages
o
Over-Temperature Protection (OTP)
 Available
in
a
QFN-12
(2mmx2mm)
Package
APPLICATIONS
 Wearables
 IOT
 Portable Instruments
 Battery-Powered Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are
registered trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP28300GG
VIN1
CTRL2
CTRL1
OUT1
GND
PG1
C2
10µF
C1
10µF
SW1
L1
2.2µH
VIN1:
3.6V
VOUT1
1.8V/300mA
CTRL5
OUT2
VIN2
C4
1µF
VIN2:
3.6V
C3
1µF
VOUT2
1.8V/100mA
CTRL3
CTRL4


Similar Part No. - MP28300GG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28300GG MPS-MP28300GG Datasheet
365Kb / 9P
Ultra Low IQ Step-down Regulator plus LDO Step-Down Switcher Evaluation Board
More results

Similar Description - MP28300GG

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX1692 MAXIM-MAX1692 Datasheet
150Kb / 12P
Low-Noise, 5.5V-Input, PWM Step-Down Regulator
Rev 0; 11/98
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X_15 Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
logo
ON Semiconductor
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
logo
Monolithic Power System...
MP28200 MPS-MP28200 Datasheet
493Kb / 17P
Ultra-Low 500nA Iq, High Efficiency, Wide Input 2V-5.5V, 1.5MHz, 200mA, Step-Down Regulator
MPM3804 MPS-MPM3804 Datasheet
1Mb / 16P
0.6A, 5.5V Input Step-Down Module Synchronous Regulator with Integrated Inductor in Ultra-Small 2x2x0.9mm QFN Package
EV28300-G-01A MPS-EV28300-G-01A Datasheet
365Kb / 9P
Ultra Low IQ Step-down Regulator plus LDO Step-Down Switcher Evaluation Board
logo
ON Semiconductor
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com