Electronic Components Datasheet Search
  English  ▼

X  

MPQ2166 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ2166
Description  6V, Dual 2A/2A or 3A/1A, Low Quiescent Current, Synchronous Buck with PG and SS AEC-Q100 Qualified
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2166 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ2166 Datasheet HTML 4Page - Monolithic Power Systems MPQ2166 Datasheet HTML 5Page - Monolithic Power Systems MPQ2166 Datasheet HTML 6Page - Monolithic Power Systems MPQ2166 Datasheet HTML 7Page - Monolithic Power Systems MPQ2166 Datasheet HTML 8Page - Monolithic Power Systems MPQ2166 Datasheet HTML 9Page - Monolithic Power Systems MPQ2166 Datasheet HTML 10Page - Monolithic Power Systems MPQ2166 Datasheet HTML 11Page - Monolithic Power Systems MPQ2166 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MPQ2166 – 6V, DUAL 2A/2A OR 3A/1A, SYNC, BUCK REGULATOR WITH PG AND SS
MPQ2166 Rev. 1.11
www.MonolithicPower.com
8
5/31/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT1 = 1.8V, VOUT2 = 1.2V, L1 = L2 = 1.5µH, FSW = 2.25MHz, TA = 25°C, unless otherwise
noted.
VOUT2/AC
10mV/div.
VOUT1/AC
10mV/div.
VSW1
5V/div.
VSW2
5V/div.
IL1
200mA/div.
IL2
200mA/div.
VOUT2/AC
10mV/div.
VOUT1/AC
10mV/div.
VSW1
5V/div.
VSW2
5V/div.
IL1
500mA/div.
IL2
500mA/div.
VOUT2/AC
2mV/div.
VOUT2
1V/div.
VIN
5V/div.
VOUT1/AC
2mV/div.
VSW1
5V/div.
VSW2
5V/div.
VSW2
5V/div.
IL1
1A/div.
IL2
1A/div.
IL2
500mA/div.
VOUT1
1V/div.
VSW1
5V/div.
IL1
500mA/div.
VOUT2
1V/div.
VIN
5V/div.
VSW2
5V/div.
IL2
2A/div.
VOUT1
1V/div.
VSW1
5V/div.
IL1
2A/div.
VOUT2
1V/div.
VIN
2V/div.
VSW2
5V/div.
IL2
2A/div.
VOUT1
1V/div.
VSW1
5V/div.
IL1
2A/div.
VOUT2
1V/div.
VIN
5V/div.
VSW2
5V/div.
IL2
500mA/div.
VOUT1
1V/div.
VSW1
5V/div.
IL1
500mA/div.
VOUT2/AC
10mV/div.
VOUT1/AC
10mV/div.
VSW1
5V/div.
VSW2
5V/div.
IL1
1A/div.
IL2
1A/div.
VOUT2
1V/div.
VIN
5V/div.
VSW2
2V/div.
IL2
50mA/div.
VOUT1
1V/div.
VSW1
2V/div.
IL1
50mA/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com