Electronic Components Datasheet Search
  English  ▼

X  

MPQ2249 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MPQ2249
Description  Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ2249 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MPQ2249 Datasheet HTML 2Page - Monolithic Power Systems MPQ2249 Datasheet HTML 3Page - Monolithic Power Systems MPQ2249 Datasheet HTML 4Page - Monolithic Power Systems MPQ2249 Datasheet HTML 5Page - Monolithic Power Systems MPQ2249 Datasheet HTML 6Page - Monolithic Power Systems MPQ2249 Datasheet HTML 7Page - Monolithic Power Systems MPQ2249 Datasheet HTML 8Page - Monolithic Power Systems MPQ2249 Datasheet HTML 9Page - Monolithic Power Systems MPQ2249 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MPQ2249 – INDUSTRIAL GRADE, 6V, 3A, 1MHZ, LOW-VOLTAGE SYNCHRONOUS STEP-DOWN CONVERTER
MPQ2249 Rev.1.01
www.MonolithicPower.com
6
6/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, EN = 5V, VO = 1.8V, L1 = 2.2µH, and TA = +25°C, unless otherwise noted.
Steady State Operation
IOUT=0A
SW
2V/div
VOUT/AC
50mV/div
IL
500mA/div
Steady State Operation
IOUT=3A
SW
2V/div
VOUT/AC
50mV/div
IL
5A/div
PG
5V/div
VOUT
1V/div
EN
5V/div
Start-up through EN
IOUT=0A
PG
5V/div
VOUT
1V/div
EN
5V/div
PG
5V/div
VOUT
1V/div
EN
5V/div
Shut-down through EN
IOUT=0A
Start-up through EN
IOUT=3A
SW
2V/div
VOUT
1V/div
IL
5A/div
Short Circuit Protection
IOUT=0A to short
Shut-down through EN
IOUT=3A
PG
5V/div
VOUT
1V/div
EN
5V/div
Load Transient
IOUT=1.5A to 3A
Short Circuit Protection
IOUT=3A to short
SW
2V/div
VOUT
1V/div
IL
5A/div
SW
5V/div
VOUT/AC
50mV/div
IL
2A/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com