Electronic Components Datasheet Search
  English  ▼

X  

SIT8925B Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT8925B
Description  High Frequency, Automotive AEC-Q100 Oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT8925B Datasheet(HTML) 2 Page - SiTime Corp.

  SIT8925B Datasheet HTML 1Page - SiTime Corp. SIT8925B Datasheet HTML 2Page - SiTime Corp. SIT8925B Datasheet HTML 3Page - SiTime Corp. SIT8925B Datasheet HTML 4Page - SiTime Corp. SIT8925B Datasheet HTML 5Page - SiTime Corp. SIT8925B Datasheet HTML 6Page - SiTime Corp. SIT8925B Datasheet HTML 7Page - SiTime Corp. SIT8925B Datasheet HTML 8Page - SiTime Corp. SIT8925B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Rev. 1.5
Page 2 of 17
www.sitime.com
SiT8925B High Frequency, Automotive AEC-Q100 Oscillator
Table 2. Pin Description
Pin
Symbol
Functionality
1
OE/NC
Output Enable
H
[1]: specified frequency output
L: output is high impedance. Only output driver is disabled.
No Connect
Any voltage between 0 and Vdd or Open
[1]: Specified frequen-
cy output. Pin 1 has no function.
2
GND
Power
Electrical ground
[2]
3
OUT
Output
Oscillator output
4
VDD
Power
Power supply voltage
[2]
Notes:
1. In OE mode, a pull-up resistor of 10k
Ω or less is recommended if pin 1 is not externally driven. If pin 1
needs to be left floating, use the NC option.
2. A capacitor of value 0.1 µF or higher between Vdd and GND is required.
Top View
1
4
OE/NC
VDD
3
2
GND
OUT
Figure 1. Pin Assignments
Table 3. Absolute Maximum Limits
Attempted operation outside the absolute maximum ratings may cause permanent damage to the part. Actual performance
of the IC is only guaranteed within the operational specifications, not at absolute maximum ratings.
Parameter
Min.
Max.
Unit
Storage Temperature
-65
150
°C
Vdd
-0.5
4
V
Electrostatic Discharge
–
2000
V
Soldering Temperature (follow standard Pb free
soldering guidelines)
–
260
°C
Junction Temperature
[3]
–
150
°C
Note:
3. Exceeding this temperature for extended period of time may damage the device.
Table 4. Thermal Consideration
[4]
Package
θJA, 4 Layer Board
(°C/W)
θJA, 2 Layer Board
(°C/W)
θJC, Bottom
(°C/W)
7050
142
273
30
5032
97
199
24
3225
109
212
27
2520
117
222
26
2016
152
252
36
Note:
4. Refer to JESD51 for
θJA and θJC definitions, and reference layout used to determine the θJA and θJC values in the above table.
Table 5. Maximum Operating JunctionTemperature
[5]
Max Operating Temperature (ambient)
Maximum Operating Junction Temperature
85°C
93°C
105°C
113°C
125°C
133°C
Note:
5. Datasheet specifications are not guaranteed if junction temperature exceeds the maximum operating junction temperature.
Table 6. Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method2002
Mechanical Vibration
MIL-STD-883F, Method2007
Temperature Cycle
JESD22, Method A104
Solderability
MIL-STD-883F, Method2003
Moisture Sensitivity Level
MSL1 @ 260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com