Electronic Components Datasheet Search
  English  ▼

X  

SIT9002 Datasheet(PDF) 2 Page - SiTime Corp.

Part # SIT9002
Description  LVPECL / HCSL / LVDS / CML 1 to 220 MHz High Performance Spread Spectrum Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9002 Datasheet(HTML) 2 Page - SiTime Corp.

  SIT9002 Datasheet HTML 1Page - SiTime Corp. SIT9002 Datasheet HTML 2Page - SiTime Corp. SIT9002 Datasheet HTML 3Page - SiTime Corp. SIT9002 Datasheet HTML 4Page - SiTime Corp. SIT9002 Datasheet HTML 5Page - SiTime Corp. SIT9002 Datasheet HTML 6Page - SiTime Corp. SIT9002 Datasheet HTML 7Page - SiTime Corp. SIT9002 Datasheet HTML 8Page - SiTime Corp. SIT9002 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SiT9002
LVPECL / HCSL / LVDS / CML
1 to 220 MHz High Performance Spread Spectrum Oscillator
Pin Description
Rev. 1.11
Page 2 of 12
www.sitime.com
Pin No.
Name
Pin Description
1
ST/OE/SD
Input
Standby or Output Enable pin for OUT+ and OUT-.
OE:
When High or Open : OUT+ and OUT- = active
When Low : OUT+ and OUT- = High Impedance state
ST:
When High or Open : OUT+ and OUT- = active
When Low : OUT+ and OUT- = Output is low (weak pull down), oscillation stops
SD: Spread Disable - disables spread spectrum
When High or Open : Spread Spectrum modulation = active
When Low : Spread Spectrum modulation = Off
2
NC
NA
No connect pin, leave it floating.
3
GND
Power
VDD power supply ground. Connect to ground
4
OUT+
Output
1 to 220 MHz programmable clock output. For frequencies > 220 MHz contact SiTime
5
OUT-
Output
6
VDD
Power
Power supply
Absolute Maximum Ratings
Attempted operation outside the absolute maximum ratings of the part may cause permanent damage to the part. Actual
performance of the IC is only guaranteed within the operational specifications, not absolute maximum ratings.
Absolute Maximum Table
Parameter
Min.
Max.
Unit
Storage Temperature
-65
150
°C
VDD
-0.5
4
V
Vin
GND - 0.5
VDD + 0.5
V
Theta JA ( with copper plane on VDD and GND) 5.0 x 3.2 package
7.0 x 5.0 package when center pad is soldered down
7.0 x 5.0 package when center pad is not soldered down
–
68
°C/W
–
38
°C/W
–
90
°C/W
Theta JC (with PCB traces of 0.010 inch to all pins) 5.0 x 3.2 package
7.0 x 5.0 package when center pad is soldered down
7.0 x 5.0 package when center pad is not soldered down
–
45
°C/W
–
35
°C/W
–
48
°C/W
Soldering Temperature (follow standard Pb free soldering guidelines)
–
260
°C
Number of Program Writes
–
1
NA
Program Retention over -40 to 125C, Process, VDD (0 to 3.6V)
–
1,000+
years
Human Body Model (JESD22-A114)
2000
–
V
Charged Device Model (JESD22-C101)
750
–
–
Machine Model (JESD22-A115)
200
–
–
DC Electrical Specifications
Environmental Compliance
Parameter
Condition/Test Method
Mechanical Shock
MIL-STD-883F, Method 2002
Mechanical Vibration
MIL-STD-883F, Method 2007
Temperature Cycle
MIL-STD-883F, Method 1010-65-150°C (1000 cycle)
Solderability
MIL-STD-883F, Method 2003
Moisture Sensitivity Level
MSL1 @ 260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com