Electronic Components Datasheet Search
  English  ▼

X  

SIT9366 Datasheet(PDF) 1 Page - SiTime Corp.

Part # SIT9366
Description  1 to 220 MHz Ultra-low Jitter Differential Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT9366 Datasheet(HTML) 1 Page - SiTime Corp.

  SIT9366 Datasheet HTML 1Page - SiTime Corp. SIT9366 Datasheet HTML 2Page - SiTime Corp. SIT9366 Datasheet HTML 3Page - SiTime Corp. SIT9366 Datasheet HTML 4Page - SiTime Corp. SIT9366 Datasheet HTML 5Page - SiTime Corp. SIT9366 Datasheet HTML 6Page - SiTime Corp. SIT9366 Datasheet HTML 7Page - SiTime Corp. SIT9366 Datasheet HTML 8Page - SiTime Corp. SIT9366 Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SiT9366
1 to 220 MHz Ultra-low Jitter Differential Oscillator
Features
Any frequency between 1 MHz and 220 MHz accurate to 6
decimal places
LVPECL, LVDS and HCSL output signaling
0.1ps RMS phase jitter (random) for Ethernet applications
Contact SiTime for frequency stability as low as ±10 ppm
Wide temperature range from -40°C to 85°C
Contact SiTime for higher temperature range options
Industry-standard packages: 3.2 x 2.5, 7.0 x 5.0 mm
Contact SiTime for 5.0 x 3.2 mm package
Applications
10/40/100GB Ethernet, SONET, SATA, SAS, Fibre Channel
Telecom, networking, instrumentation, storage, servers
Electrical Characteristics
All Min and Max limits in the Electrical Characteristics tables are specified over temperature and rated operating voltage with
standard output termination show in the termination diagrams. Typical values are at 25°C and nominal supply voltage.
Table 1. Electrical Characteristics – Common to LVPECL, LVDS and HCSL
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Frequency Range
Output Frequency Range
f
1
–
220
MHz
Accurate to 6 decimal places
Frequency Stability
Frequency Stability
F_stab
-10
–
+10
ppm
Inclusive of initial tolerance, operating temperature, rated
power supply voltage and load variations.
Contact SiTime for ± 10 ppm.
-20
–
+20
ppm
Inclusive of initial tolerance, operating temperature, rated
power supply voltage and load variations
-25
–
+25
ppm
-50
–
+50
ppm
First Year Aging
F_1y
–
±1
–
ppm
At 25°C
Temperature Range
Operating Temperature Range
T_use
-20
–
+70
°C
Extended Commercial
-40
–
+85
°C
Industrial.
Contact SiTime for higher temperature range options
Supply Voltage
Supply Voltage
Vdd
2.97
3.30
3.63
V
2.70
3.00
3.30
V
2.52
2.80
3.08
V
2.25
2.50
2.75
V
Input Characteristics
Input Voltage High
VIH
70%
–
–
Vdd
Pin 1, OE
Input Voltage Low
VIL
–
–
30%
Vdd
Pin 1, OE
Input Pull-up Impedance
Z_in
–
100
-
kΩ
Pin 1, OE logic high or logic low
Output Characteristics
Duty Cycle
DC
45
–
55
%
Startup and OE Timing
Startup Time
T_start
–
–
3.0
ms
Measured from the time Vdd reaches its rated minimum
value.
OE Enable/Disable Time
T_oe
–
–
3.8
µs
f = 156.25 MHz.
Rev 1.0
September 6, 2017
www.sitime.com


Similar Part No. - SIT9366

ManufacturerPart #DatasheetDescription
logo
SiTime Corp.
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
Standard Frequency Ultra-low Jitter Differential Oscillator
SIT9367 SITIME-SIT9367 Datasheet
375Kb / 12P
220 to 725 MHz Ultra-low Jitter Differential Oscillator
More results

Similar Description - SIT9366

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI535 SILABS-SI535 Datasheet
323Kb / 12P
ULTRA LOW JITTER CRYSTAL OSCILLATOR
logo
Texas Instruments
LMK61E2 TI1-LMK61E2 Datasheet
1Mb / 51P
Ultra-Low Jitter Programmable Oscillator
logo
SiTime Corp.
SIT9121 SITIME-SIT9121 Datasheet
384Kb / 8P
1-220 MHz High Performance Differential Oscillator
SIT9365 SITIME-SIT9365 Datasheet
378Kb / 12P
Standard Frequency Ultra-low Jitter Differential Oscillator
SIT9367 SITIME-SIT9367 Datasheet
375Kb / 12P
220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT9386 SITIME-SIT9386 Datasheet
726Kb / 12P
AEC-Q100, Ultra-low Jitter Differential Oscillator
SIT9387 SITIME-SIT9387 Datasheet
474Kb / 12P
220 to 725 MHz Ultra-low Jitter Differential Oscillator
SIT3372 SITIME-SIT3372 Datasheet
443Kb / 13P
1 MHz to 220 MHz Ultra-low Jitter Differential VCXO
SIT3373 SITIME-SIT3373 Datasheet
442Kb / 13P
220 MHz to 725 MHz Ultra-low Jitter Differential VCXO
logo
EUROQUARTZ limited
EQHJ EUROQUARTZ-EQHJ Datasheet
193Kb / 2P
Ultra-low jitter Oscillator 5.0MHz to 50.0MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com