Electronic Components Datasheet Search
  English  ▼

X  

LM2917 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2917
Description  Frequency to Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2917 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM2917 Datasheet HTML 1Page - National Semiconductor (TI) LM2917 Datasheet HTML 2Page - National Semiconductor (TI) LM2917 Datasheet HTML 3Page - National Semiconductor (TI) LM2917 Datasheet HTML 4Page - National Semiconductor (TI) LM2917 Datasheet HTML 5Page - National Semiconductor (TI) LM2917 Datasheet HTML 6Page - National Semiconductor (TI) LM2917 Datasheet HTML 7Page - National Semiconductor (TI) LM2917 Datasheet HTML 8Page - National Semiconductor (TI) LM2917 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TLH7942
February 1995
LM2907LM2917 Frequency to Voltage Converter
General Description
The LM2907 LM2917 series are monolithic frequency to
voltage converters with a high gain op ampcomparator de-
signed to operate a relay lamp or other load when the input
frequency reaches or exceeds a selected rate The tachom-
eter uses a charge pump technique and offers frequency
doubling for low ripple full input protection in two versions
(LM2907-8 LM2917-8) and its output swings to ground for a
zero frequency input
Advantages
Y
Output swings to ground for zero frequency input
Y
Easy to use VOUT e fIN c VCC c R1 c C1
Y
Only one RC network provides frequency doubling
Y
Zener regulator on chip allows accurate and stable fre-
quency to voltage or current conversion (LM2917)
Features
Y
Ground referenced tachometer input interfaces directly
with variable reluctance magnetic pickups
Y
Op ampcomparator has floating transistor output
Y
50 mA sink or source to operate relays solenoids me-
ters or LEDs
Y
Frequency doubling for low ripple
Y
Tachometer has built-in hysteresis with either differen-
tial input or ground referenced input
Y
Built-in zener on LM2917
Y
g
03% linearity typical
Y
Ground referenced tachometer is fully protected from
damage due to swings above VCC and below ground
Applications
Y
Overunder speed sensing
Y
Frequency to voltage conversion (tachometer)
Y
Speedometers
Y
Breaker point dwell meters
Y
Hand-held tachometer
Y
Speed governors
Y
Cruise control
Y
Automotive door lock control
Y
Clutch control
Y
Horn control
Y
Touch or sound switches
Block and Connection Diagrams Dual-In-Line and Small Outline Packages Top Views
TLH7942 – 1
Order Number LM2907M-8 or LM2907N-8
See NS Package Number M08A or N08E
TLH7942 – 2
Order Number LM2917M-8 or LM2917N-8
See NS Package Number M08A or N08E
TLH7942 – 3
Order Number LM2907N
See NS Package Number N14A
TLH7942 – 4
Order Number LM2917M or LM2917N
See NS Package Number M14A or N14A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM2917

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2917 NSC-LM2917 Datasheet
326Kb / 21P
Frequency to Voltage Converter
logo
Texas Instruments
LM2917 TI2-LM2917 Datasheet
4Mb / 44P
LM2907 and LM2917 Frequency to Voltage Converter
REVISED DECEMBER 2016
LM2917-N TI-LM2917-N Datasheet
2Mb / 32P
LM2907/LM2917 Frequency to Voltage Converter
LM2917-N TI1-LM2917-N Datasheet
2Mb / 31P
Frequency to Voltage Converter
LM2917-N TI2-LM2917-N Datasheet
4Mb / 44P
LM2907 and LM2917 Frequency to Voltage Converter
REVISED DECEMBER 2016
More results

Similar Description - LM2917

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD650 AD-AD650 Datasheet
284Kb / 12P
Voltage-to-Frequency and Frequency-to-Voltage Converter
ADVFC32 AD-ADVFC32 Datasheet
141Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV.A
logo
Burr-Brown (TI)
VFC32 BURR-BROWN-VFC32 Datasheet
76Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
VFC320 BURR-BROWN-VFC320 Datasheet
122Kb / 9P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Microchip Technology
AN795 MICROCHIP-AN795 Datasheet
280Kb / 15P
Voltage-to-Frequency/Frequency-to-Voltage Converter
2002
logo
Texas Instruments
VFC32 TI1-VFC32 Datasheet
411Kb / 11P
Voltage-to-Frequency and Frequency-to-Voltage CONVERTER
logo
Analog Devices
AD650 AD-AD650_15 Datasheet
392Kb / 20P
Voltage-to-Frequency and Frequency-to-Voltage Converter
REV. E
ADVFC32 AD-ADVFC32_15 Datasheet
345Kb / 6P
Voltage-to-Frequency and Frequency-to-Voltage Converter
Rev. B
AD650 AD-AD650_17 Datasheet
449Kb / 21P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
ADVFC32 AD-ADVFC32_17 Datasheet
375Kb / 7P
Voltage-to-Frequency and Frequency-to-Voltage Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com