Electronic Components Datasheet Search
  English  ▼

X  

CS-100 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # CS-100
Description  Thermal Chassis Simulator to Mount Single Board Computers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

CS-100 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  CS-100 Datasheet HTML 1Page - ADL Embedded Solutions CS-100 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PC/104 Chassis Simulator
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Thermal Chassis Simulator to Mount Single Board Computers
Features
•
10” X 10” X 1/2” Thermal Chassis Simulator
•
Run Fanless in a Development Environment
•
Simulates “Real World” Thermal Dissipation on the Benchtop
•
Precision Milled Standoffs for 0.600” and 1.000” Clearance
•
K-100 Powder Cast, Precision Milled Aluminum
•
Universal Mount Pattern Supports all ADL Embedded Solu-
tions Thermal Solutions
•
Compatible with both M3 and 4-40 Hardware
•
Represents an Aluminum Enclosure of 200sq in. Surface Area
Item Code
Part #
Description
CS-100
290010
10” X 10” X 1/2” Thermal Chassis Simulator
The CS-100 is a 100in.sq. collapsed chassis that is used to provide a thermal
mass and radiative cooling surface for passive cooling of ADL Embedded Solu-
tions CPUs. Drilled with ADL Embedded Solutions universal mounting pattern,
the CS-100 is compatible with all ADL Embedded Solutions PC/104 heat spread-
ers and pipes, regardless of the CPU upon which they are mounted. The in-
cluded contains both M3 and 4-40 hardware, as well as precision standoffs to
support 0.600" or 1.000" clearance spreader solutions.
Constructed from Blanchard-ground powder-cast plate aluminum, the surface
flatness is better than 0.001" across the entire face. The anodizing gives the unit
a basic emissivity of 0.75 or better, and represents the radiative area of an alu-
minum enclosure with 200sq.in. of surface area. Recording the reported CPU
temperature, plate temperature and ambient temperature, the thermal perform-
ance reference for your specific application can be easily determined, and critical
decisions about the radiative surface area of your enclosure can be readily an-
swered and tested against this reference.
The CS-100 is also deployed as a development platform for proof of concept
passive cooling systems. The extra hole-pairs around the perimeter are linked
by a recessed groove on the back of the CS-100. In combination with nylon zip-
ties, these hole-pairs make convenient strain-relief attachment points for the
interface cables from your mounted PC/104 CPU. Keeping your cables neat and
preventing undue harm to the connectors on the PC/104 motherboard, the CS-
100 becomes the centerpiece of your passive prototyping experience.
Ordering Information
Description


Similar Part No. - CS-100

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS-100 PREMO-CS-100 Datasheet
180Kb / 1P
SMD Current Transformer Up to 15A
CS-100-K PREMO-CS-100-K Datasheet
192Kb / 1P
Coils and Chokes for general use
More results

Similar Description - CS-100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VMP1 ETC-VMP1 Datasheet
249Kb / 4P
HIGHPERFORMANCE CPUs SINGLE-BOARD COMPUTERS
logo
Motorola, Inc
M68ICS08KX MOTOROLA-M68ICS08KX Datasheet
682Kb / 77P
In-circuit Simulator Board
logo
TRIAD MAGNETICS
F-6X TRIAD-F-6X_13 Datasheet
49Kb / 1P
Chassis Mount: Single Secondary
F-14X TRIAD-F-14X_13 Datasheet
52Kb / 1P
Chassis Mount: Single Secondary
F-46X TRIAD-F-46X_13 Datasheet
114Kb / 1P
Chassis Mount: Single Secondary
F-56X TRIAD-F-56X_13 Datasheet
116Kb / 1P
Chassis Mount: Single Secondary
logo
Keysight Technologies
W2349EP KEYSIGHT-W2349EP Datasheet
357Kb / 5P
ADS Electro-Thermal Simulator
W2590ET KEYSIGHT-W2590ET Datasheet
564Kb / 4P
HeatWave Electro-Thermal Simulator
logo
Festo Corporation.
8029523 FESTO-8029523 Datasheet
77Kb / 1P
Simulator
560503 FESTO-560503 Datasheet
79Kb / 1P
Simulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com