Electronic Components Datasheet Search
  English  ▼

X  

LTC4301L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4301L
Description  Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4301L Datasheet(HTML) 1 Page - Linear Technology

  LTC4301L Datasheet HTML 1Page - Linear Technology LTC4301L Datasheet HTML 2Page - Linear Technology LTC4301L Datasheet HTML 3Page - Linear Technology LTC4301L Datasheet HTML 4Page - Linear Technology LTC4301L Datasheet HTML 5Page - Linear Technology LTC4301L Datasheet HTML 6Page - Linear Technology LTC4301L Datasheet HTML 7Page - Linear Technology LTC4301L Datasheet HTML 8Page - Linear Technology LTC4301L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC4301L
4301lf
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Hot Swappable 2-Wire
Bus Buffer with Low Voltage
Level Translation
s
Level Translates 1V Signals to Standard 3.3V and
5V Logic Rails
s
Allows Bus Pull-Up Voltages as Low as 1V on
SDAIN and SCLIN
s
Bidirectional Buffer* for SDA and SCL Lines
Increases Fanout
s
Prevents SDA and SCL Corruption During Live Board
Insertion and Removal from Backplane
s
Isolates Input SDA and SCL Line from Output
s
10kV Human Body Model ESD Protection
s
Supports Clock Stretching, Arbitration and
Synchronization
s
High Impedance SDA, SCL Pins for VCC = 0V
s
CS Gates Connection from Input to Output
s
Compatible with I2C
TM, I2C Fast Mode and SMBus
Standards (Up to 400kHz Operation)
s
Small 8-Pin MSOP and DFN (3mm
× 3mm) Packages
s
Hot Board Insertion
s
Servers
s
Capacitance Buffer/Bus Extender
s
Desktop Computers
, LTC and LT are registered trademarks of Linear Technology Corporation.
The LTC
®4301L hot swappable, 2-wire bus buffer allows
I/O card insertion into a live backplane without corruption
of the data and clock busses. In addition, the LTC4301L
SDAIN and SCLIN pins are compatible with systems with
pull-up voltages as low as 1V. Control circuitry prevents
the backplane from being connected to the card until a
stop bit or a bus idle is present. When the connection is
made, the LTC4301L provides bidirectional buffering,
keeping the backplane and card capacitances isolated.
When driven low, the CS input pin allows the part to
connect after a stop bit or bus idle occurs. Driving CS high
breaks the connection between SCLIN and SCLOUT and
between SDAIN and SDAOUT. A logic high on READY
indicates that the backplane and card sides are connected
together.
The LTC4301L is offered in 8-pin DFN (3mm
× 3mm) and
MSOP packages.
Input-Output Connection
OUTPUT
SIDE
20pF
INPUT
SIDE
55pF
4301 TA01b
1
µs/DIV
0.5V/DIV
µP
SDA
SCL
VCC
GND
SDAIN
SCLIN
CS
SDAOUT
SCLOUT
READY
LTC4301L
VCC
GND
2k
10k
2k
10k
0.01
µF
SDA
SCL
1.2V
3.3V
4301l TA01a
I2C is a trademark of Philips Electronics N.V.
*Patent Pending


Similar Part No. - LTC4301L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
190Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301L LINER-LTC4301L Datasheet
201Kb / 20P
Pin-Selectable, 2-Channel, 2-Wire Multiplexer with Bus Buffers
LTC4301LCDD LINER-LTC4301LCDD Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4301LCMS8 LINER-LTC4301LCMS8 Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
More results

Similar Description - LTC4301L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4300A-3 LINER-LTC4300A-3 Datasheet
198Kb / 12P
Level Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4301L LINER-LTC4301L Datasheet
184Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4303 LINER-LTC4303 Datasheet
549Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308 Datasheet
172Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309 Datasheet
202Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4301L LINER-LTC4301L_15 Datasheet
190Kb / 12P
Hot Swappable 2-Wire Bus Buffer with Low Voltage Level Translation
LTC4300A-3 LINER-LTC4300A-3_15 Datasheet
216Kb / 14P
Level-Shifting Hot Swappable 2-Wire Bus Buffer with Enable
LTC4304 LINER-LTC4304_15 Datasheet
650Kb / 16P
Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4308 LINER-LTC4308_15 Datasheet
173Kb / 16P
Low Voltage, Level Shifting Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
LTC4309 LINER-LTC4309_15 Datasheet
205Kb / 16P
Level Shifting Low Offset Hot Swappable 2-Wire Bus Buffer with Stuck Bus Recovery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com