Electronic Components Datasheet Search
  English  ▼

X  

BGS1 Datasheet(PDF) 3 Page - BeRex Corporation

Part # BGS1
Description  50-4000 MHz SILICON GERMANIUM Gain Block
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BGS1 Datasheet(HTML) 3 Page - BeRex Corporation

  BGS1_18 Datasheet HTML 1Page - BeRex Corporation BGS1_18 Datasheet HTML 2Page - BeRex Corporation BGS1_18 Datasheet HTML 3Page - BeRex Corporation BGS1_18 Datasheet HTML 4Page - BeRex Corporation BGS1_18 Datasheet HTML 5Page - BeRex Corporation BGS1_18 Datasheet HTML 6Page - BeRex Corporation BGS1_18 Datasheet HTML 7Page - BeRex Corporation BGS1_18 Datasheet HTML 8Page - BeRex Corporation BGS1_18 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
50-4000 MHz SILICON GERMANIUM Gain Block
BGS1
3
Rev. H
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
S-Parameter
(Vdevice = 3.2V, Icc = 27mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 3.2V, Ic = 26mA, T = 25°C)
Typical Device Data
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
70
-2.88
-59.70
21.80
-126.00
-29.40
76.20
-3.67
-169.00
900
-25.50
58.20
22.40
81.00
-25.90
-33.10
-16.40
137.00
1000
-25.10
42.00
22.10
69.90
-26.10
-38.80
-16.00
134.00
1500
-28.30
-14.50
20.30
19.30
-25.30
-63.90
-14.30
106.00
2000
-30.90
-164.00
18.70
-26.90
-24.60
-90.70
-14.50
81.00
2500
-19.20
137.00
17.30
-71.50
-23.70
-117.00
-16.30
62.00
3500
-9.51
66.10
14.80
-159.00
-22.30
-177.00
-20.80
88.30
4000
-6.07
20.30
13.60
150.00
-21.40
144.00
-12.50
108.00
Freq
MHz
50
70
900
1900
2140
2450
2650
3500
S21
dB
24
23.6
22.2
19.2
18.6
17.3
16.7
14.9
S11
dB
-13.6
-16.8
-31.3
-35.5
-26.5
-18.3
-15.8
-11.4
S22
dB
-20.5
-23
-17.1
-11.7
-11.7
-12.6
-17
-15.3
P1
dBm
15.6
15.9
16.7
14.9
13.2
12.6
12.4
9.9
OIP3
dBm
28
27.5
26
25.4
24.7
24
24
19.2
NF
dB
3
3
2.9
3
3
3.3
3.5
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com