Electronic Components Datasheet Search
  English  ▼

X  

BIF5 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BIF5
Description  5-800 MHz Internally Matched IF Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF5 Datasheet(HTML) 4 Page - BeRex Corporation

  BIF5 Datasheet HTML 1Page - BeRex Corporation BIF5 Datasheet HTML 2Page - BeRex Corporation BIF5 Datasheet HTML 3Page - BeRex Corporation BIF5 Datasheet HTML 4Page - BeRex Corporation BIF5 Datasheet HTML 5Page - BeRex Corporation BIF5 Datasheet HTML 6Page - BeRex Corporation BIF5 Datasheet HTML 7Page - BeRex Corporation BIF5 Datasheet HTML 8Page - BeRex Corporation BIF5 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
4
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5-800 MHz Internally Matched IF Amplifier
BIF5
S-Parameter
(Vdevice = 5.0V, Icc = 107mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 5V, Ic = 107mA, T = 25°C)
Typical Performance (Vd = 4.7V, Ic = 95mA, T = 25°C)
Typical Performance (Vd = 4.5V, Ic = 85mA, T = 25°C)
Freq
MHz
70
140
250
*500
800
S21
dB
17.5
17.5
17.5
17.5
17.1
S11
dB
-15.8
-15.4
-15.5
-14.1
-18.3
S22
dB
-17.1
-19.1
-26.3
-16.1
-10.8
P1
dBm
20.5
20.5
20.5
21.0
21
OIP3
dBm
43
42.5
41.0
40.0
37
NF
dB
4.0
4.1
4.2
4.3
4.3
Freq
MHz
70
140
250
500
800
S21
dB
17.6
17.5
17.4
17.4
17.1
S11
dB
-15.1
-17.3
-18.1
-17.5
-18.7
S22
dB
-14.3
-13.7
-14.1
-14
-10.7
P1
dBm
19.6
20.2
20.1
20.4
20
OIP3
dBm
41
40.5
39.5
37
35.5
NF
dB
4.0
4.1
4.2
4.3
4.3
Freq
MHz
70
140
250
500
800
S21
dB
17.4
17.4
17.5
17.4
17
S11
dB
-15.3
-17.6
-18.3
-17.8
-18.9
S22
dB
-14.2
-13.5
-13.9
-13.9
-10.6
P1
dBm
19.2
19.0
19.2
19.4
19.4
OIP3
dBm
40.0
41.0
38.5
36.5
35
NF
dB
4.0
4.1
4.2
4.3
4.3
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.635
175.5
8.232
175.6
0.066
0.3
0.155
-12.0
500
0.627
157.0
7.315
159.7
0.072
-1.4
0.178
-62.9
1000
0.603
136.7
7.880
144.7
0.066
-1.8
0.235
-111.5
1500
0.580
118.0
6.733
131.1
0.070
2.4
0.322
-151.7
2000
0.491
99.4
6.895
114.4
0.069
-1.7
0.393
175.7
2500
0.471
86.3
6.953
104.4
0.071
5.1
0.470
147.9
3000
0.432
69.7
8.427
80.7
0.080
-0.9
0.549
119.3
3500
0.415
63.8
7.474
53.8
0.079
-0.9
0.608
97.8
4000
0.457
51.4
6.617
32.7
0.090
-8.8
0.640
68.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com