Electronic Components Datasheet Search
  English  ▼

X  

BIF7 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BIF7
Description  5-800 MHz Internally Matched IF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BIF7 Datasheet(HTML) 4 Page - BeRex Corporation

  BIF7 Datasheet HTML 1Page - BeRex Corporation BIF7 Datasheet HTML 2Page - BeRex Corporation BIF7 Datasheet HTML 3Page - BeRex Corporation BIF7 Datasheet HTML 4Page - BeRex Corporation BIF7 Datasheet HTML 5Page - BeRex Corporation BIF7 Datasheet HTML 6Page - BeRex Corporation BIF7 Datasheet HTML 7Page - BeRex Corporation BIF7 Datasheet HTML 8Page - BeRex Corporation BIF7 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
4
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
5-800 MHz Internally Matched IF Amplifier
BIF7
S-Parameter
(Vdevice = 5.0V, Icc = 95mA, T = 25 °C, calibrated to device leads)
Typical Performance (Vd = 5V, Ic = 95mA, T = 25°C)
Typical Performance (Vd = 4.7V, Ic = 78mA, T = 25°C)
Typical Performance (Vd = 4.5V, Ic = 67mA, T = 25°C)
Freq
MHz
70
140
250
500
800
S21
dB
27.1
27.0
26.7
25.7
25
S11
dB
-32.0
-41.1
-38.5
-28.6
-23.2
S22
dB
-12.1
-11.6
-10.1
-7.2
-6.5
P1
dBm
21.3
21.5
21.5
21
19.7
OIP3
dBm
40.0
38.5
38.0
36.0
32.5
NF
dB
2.9
2.9
3.0
3.0
3.0
Freq
MHz
70
140
250
500
800
S21
dB
26.7
26.6
26.4
25.7
24.6
S11
dB
-28.5
-32.5
-29.2
-23.3
-19.8
S22
dB
-10.9
-11
-10.4
-8.2
-6
P1
dBm
20
20.5
20.5
20
19
OIP3
dBm
35.5
35.5
35
33
31.5
NF
dB
2.9
2.9
3.0
3.0
3.0
Freq
MHz
70
140
250
500
800
S21
dB
26.7
26.6
26.2
25.1
24.5
S11
dB
-26.6
-28.2
-26
-21.6
-18.8
S22
dB
-10.5
-10.6
-10.1
-8
-5.8
P1
dBm
18.8
19.2
19.5
19.6
17.4
OIP3
dBm
34.5
34.0
33.0
31.5
33
NF
dB
2.9
2.9
3.0
3.0
3.0
Freq
S11
S11
S21
S21
S12
S12
S22
S22
[MHz]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
[Mag]
[Ang]
100
0.590
175.3
25.200
170.9
0.027
2.7
0.242
-20.9
500
0.540
155.4
19.772
139.2
0.027
10.0
0.341
-92.7
1000
0.484
140.8
14.791
116.0
0.028
21.8
0.449
-148.9
1500
0.495
126.4
12.899
102.3
0.039
30.7
0.541
171.2
2000
0.443
114.8
10.915
76.4
0.044
26.5
0.568
139.2
2500
0.492
100.3
9.942
69.3
0.051
33.4
0.593
113.8
3000
0.473
82.1
10.121
41.0
0.062
22.0
0.609
89.9
3500
0.499
70.9
7.532
20.2
0.062
17.5
0.617
69.4
4000
0.558
52.8
6.114
4.8
0.072
6.5
0.617
42.1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com