Electronic Components Datasheet Search
  English  ▼

X  

LM2917M Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2917M
Description  Frequency to Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2917M Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2917M Datasheet HTML 1Page - National Semiconductor (TI) LM2917M Datasheet HTML 2Page - National Semiconductor (TI) LM2917M Datasheet HTML 3Page - National Semiconductor (TI) LM2917M Datasheet HTML 4Page - National Semiconductor (TI) LM2917M Datasheet HTML 5Page - National Semiconductor (TI) LM2917M Datasheet HTML 6Page - National Semiconductor (TI) LM2917M Datasheet HTML 7Page - National Semiconductor (TI) LM2917M Datasheet HTML 8Page - National Semiconductor (TI) LM2917M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Electrical Characteristics VCC e 12 VDC TA e 25 C see test circuit (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ZENER REGULATOR
Regulator Voltage
RDROP e 470X
756
V
Series Resistance
105
15
X
Temperature Stability
a
1
mV C
TOTAL SUPPLY CURRENT
38
6
mA
Note 1
For operation in ambient temperatures above 25 C the device must be derated based on a 150 C maximum junction temperature and a thermal resistance
of 101 CW junction to ambient for LM2907-8 and LM2917-8 and 79 CW junction to ambient for LM2907-14 and LM2917-14
Note 2
Hysteresis is the sum aVTH b (bVTH) offset voltage is their difference See test circuit
Note 3
VOH is equal to
c
VCC b 1VBE VOL is equal to
c
VCC b 1VBE therefore VOH b VOL e VCC 2 The difference VOH b VOL and the mirror gain
I2 I3 are the two factors that cause the tachometer gain constant to vary from 10
Note 4
Be sure when choosing the time constant R1 c C1 that R1 is such that the maximum anticipated output voltage at pin 3 can be reached with I3 c R1 The
maximum value for R1 is limited by the output resistance of pin 3 which is greater than 10 MX typically
Note 5
Nonlinearity is defined as the deviation of VOUT (
pin 3) for fIN e 5 kHz from a straight line defined by the VOUT
1 kHz and VOUT
10 kHz
C1 e 1000 pF R1 e 68k and C2 e 022 mFd
General Description (Continued)
The op ampcomparator is fully compatible with the ta-
chometer and has a floating transistor as its output This
feature allows either a ground or supply referred load of up
to 50 mA The collector may be taken above VCC up to a
maximum VCE of 28V
The two basic configurations offered include an 8-pin device
with a
ground referenced tachometer input and an internal
connection between the tachometer output and the op amp
non-inverting input This version is well suited for single
speed or frequency switching or fully buffered frequency to
voltage conversion applications
The more versatile configurations provide differential ta-
chometer input and uncommitted op amp inputs With this
version the tachometer input may be floated and the op
amp becomes suitable for active filter conditioning of the
tachometer output
Both of these configurations are available with an active
shunt regulator connected across the power leads The reg-
ulator clamps the supply such that stable frequency to volt-
age and frequency to current operations are possible with
any supply voltage and a suitable resistor
Test Circuit and Waveform
TLH7942 – 6
Tachometer Input Threshold Measurement
TLH7942 – 7
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com