Electronic Components Datasheet Search
  English  ▼

X  

DLO2416 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DLO2416
Description  The DLR/DLO/DLG2416 is a four digit 5 x 7 dot matrix display module with a built-in CMOS integrated circuit.This dis-play is x/y stackable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLO2416 Datasheet(HTML) 4 Page - OSRAM GmbH

  DLO2416 Datasheet HTML 1Page - OSRAM GmbH DLO2416 Datasheet HTML 2Page - OSRAM GmbH DLO2416 Datasheet HTML 3Page - OSRAM GmbH DLO2416 Datasheet HTML 4Page - OSRAM GmbH DLO2416 Datasheet HTML 5Page - OSRAM GmbH DLO2416 Datasheet HTML 6Page - OSRAM GmbH DLO2416 Datasheet HTML 7Page - OSRAM GmbH DLO2416 Datasheet HTML 8Page - OSRAM GmbH DLO2416 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2006-01-23
4
DLR2416, DLO2416, DLG2416
Top View
Timing Characteristics - Write Cycle Waveforms
Note: These waveforms are not edge triggered.
Pins and Functions
Pin
Function
Pin
Function
Pin
Function
1
CE1 Chip Enable
7
A1 Digit Select
13
D2 Data Input
2
CE2 Chip Enable
8
A0 Digit Select
14
D3 Data Input
3
CLR Clear
9
V
CC
15
D6 Data Input
4
CUE Cursor Enable
10
GND
16
D5 Data Input
5
CU Cursor Select
11
D0 Data Input
17
D4 Data Input
6
WR Write
12
D1 Data Input
18
BL Display Blank
IDPA5111
Digit 3
Digit 2
Digit 1
Digit 0
19
2345678
18
16
17
15
12
14 13
11 10
TDS
TDH
TW
TACC
TAH
TAS
TCEH
TCUH
TCES
TCUS
TCLRD
2.0 V
0.8 V
CE1, CE2
CU, CLR
A0, A1
D0-D6
WR
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com