Electronic Components Datasheet Search
  English  ▼

X  

MBR1535CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1535CT
Description  15.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1535CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBR1535CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1535CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 58 -
REV.1 Oct.-2003
MBR1535CT THRU MBR15100CT
15.0 AMPS. Schottky Barrier Rectifiers
Voltage Range
35 to 100 Volts
Current
15.0 Amperes
Features
a
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
a
Metal silicon junction, majority carrier conduction
a
Low power loss, high efficiency
a
High current capability, low forward voltage drop
a
High surge capability
a
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
a
Guardring for transient protection
a
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
a
Cases: JEDEC TO-220 molded plastic body
a
Terminals: Leads solderable per MIL-STD-750, Method
2026
a
Polarity: As marked
a
Mounting position: Any
a
Mounting torque: 5 in. - lbs. max
a Weight: 0.08 ounce, 2.24 grams
TO-220
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
+ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
MBR
1535CT
MBR
1545CT
MBR
1550CT
MBR
1560CT
MBR
1590CT
MBR
15100CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
35
45
50
60
90
100
V
Maximum RMS Voltage
VRMS
24
31
35
42
63
70
V
Maximum DC Blocking Voltage
VDC
35
45
50
60
90
100
V
Maximum Average Forward Rectified Current
at TC=105
oC
I(AV)
15
A
Peak Repetitive Forward Current (Rated VR, Square Wave,
20KHz) at Tc=105
oC
IFRM
15.0
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method )
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
1.0
0.5
A
Maximum Instantaneous Forward Voltage at (Note 2)
IF=7.5A, Tc=25
OC
IF=7.5A, Tc=125
OC
IF=15A, Tc=25
OC
IF=15A, Tc=125
OC
VF
0.57
0.84
0.72
0.75
0.65
–
-
0.92
0.82
–
-
V
Maximum Instantaneous Reverse Current @ Tc=25
+
at Rated DC Blocking Voltage (Note 2)
@Tc=125
+
IR
0.1
15.0
1.0
50.0
0.1
-
mA
mA
Voltage Rate of Change (Rated VR)
dV/dt
1,000
V/uS
Maximum Thermal Resistance Per Leg (Note 3)
R
JA
R
JC
60.0
3.0
+/W
Operating Junction Temperature Range
TJ
-65 to +150
+
Storage Temperature Range
TSTG
-65 to +175
+
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case and Thermal Resistance from Junction to Ambient


Similar Part No. - MBR1535CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1535CT MOTOROLA-MBR1535CT Datasheet
84Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1535CT FAIRCHILD-MBR1535CT Datasheet
44Kb / 3P
15 Ampere Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1535CT DIODES-MBR1535CT Datasheet
88Kb / 2P
15A SCHOTTKY BARRIER RECTIFIER
DS23013 Rev. F-2
logo
General Semiconductor
MBR1535CT GE-MBR1535CT Datasheet
82Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR1535CT MCC-MBR1535CT Datasheet
105Kb / 2P
15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1535CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS1535CT TSC-MBRS1535CT Datasheet
74Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT Datasheet
245Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_1 Datasheet
99Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT Datasheet
117Kb / 2P
Isolation 15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT_1 Datasheet
333Kb / 2P
Isolated 15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_10 Datasheet
483Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBR1535CT TSC-MBR1535CT_11 Datasheet
202Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
SK15H45 TSC-SK15H45 Datasheet
125Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
MBRF1535CT TSC-MBRF1535CT_13 Datasheet
254Kb / 3P
15.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR1590CT KERSEMI-MBR1590CT Datasheet
967Kb / 2P
15.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com