Electronic Components Datasheet Search
  English  ▼

X  

LCWJDSI.PC Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LCWJDSI.PC
Description  white SMT package, colored diffused silicone resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWJDSI.PC Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LCWJDSI.PC Datasheet HTML 3Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 4Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 5Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 6Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 7Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 8Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 9Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 10Page - OSRAM GmbH LCWJDSI.PC Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Version 1.0
LCW JDSI.PC
2013-07-16
7
5I
0.3441
0.3428
5N
0.3822
0.3670
7S
0.4305
0.4019
0.3448
0.3515
0.3853
0.3776
0.4346
0.4108
0.3515
0.3487
0.3898
0.3716
0.4386
0.4048
0.3527
0.3578
0.3934
0.3825
0.4430
0.4138
6I
0.3448
0.3515
6N
0.3853
0.3776
8S
0.4346
0.4108
0.3456
0.3601
0.3885
0.3882
0.4387
0.4197
0.3527
0.3578
0.3934
0.3825
0.4430
0.4138
0.3539
0.3669
0.3970
0.3935
0.4474
0.4228
7I
0.3456
0.3601
7N
0.3885
0.3882
5T
0.4298
0.3867
0.3464
0.3688
0.3916
0.3987
0.4342
0.3957
0.3539
0.3669
0.3970
0.3935
0.4373
0.3893
0.3551
0.3760
0.4006
0.4044
0.4420
0.3985
5L
0.3670
0.3578
5R
0.4147
0.3814
6T
0.4342
0.3957
0.3692
0.3677
0.4185
0.3902
0.4386
0.4048
0.3746
0.3624
0.4222
0.3840
0.4420
0.3985
0.3773
0.3726
0.4263
0.3929
0.4468
0.4077
6L
0.3692
0.3677
6R
0.4185
0.3902
7T
0.4386
0.4048
0.3714
0.3775
0.4223
0.3990
0.4430
0.4138
0.3773
0.3726
0.4263
0.3929
0.4468
0.4077
0.3799
0.3828
0.4305
0.4019
0.4515
0.4168
7L
0.3714
0.3775
7R
0.4223
0.3990
8T
0.4430
0.4138
0.3736
0.3874
0.4261
0.4077
0.4474
0.4228
0.3799
0.3828
0.4305
0.4019
0.4515
0.4168
0.3826
0.3931
0.4346
0.4108
0.4562
0.4260
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com