Electronic Components Datasheet Search
  English  ▼

X  

MN5572 Datasheet(PDF) 21 Page - Panasonic Semiconductor

Part # MN5572
Description  Gray Scale Font Engine
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN5572 Datasheet(HTML) 21 Page - Panasonic Semiconductor

Back Button MN5572 Datasheet HTML 17Page - Panasonic Semiconductor MN5572 Datasheet HTML 18Page - Panasonic Semiconductor MN5572 Datasheet HTML 19Page - Panasonic Semiconductor MN5572 Datasheet HTML 20Page - Panasonic Semiconductor MN5572 Datasheet HTML 21Page - Panasonic Semiconductor MN5572 Datasheet HTML 22Page - Panasonic Semiconductor MN5572 Datasheet HTML 23Page - Panasonic Semiconductor MN5572 Datasheet HTML 24Page - Panasonic Semiconductor MN5572 Datasheet HTML 25Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MN5572
21
SDF00008BEM
2. 5. Interrupt signal wait processing
• Interrupt signal wait processing flowchart
• Interrupt signal wait processing flowchart description
The IC internal state changes can be verified from the generated interrupt signal.
• Interrupt signal check
The interrupt signal (IRQ) is monitored until the interrupt generation conditions set in the IC's mask register
are met and the IC asserts (sets to the high level) the interrupt signal.
• Status register check
The status register is read and checked.
After the status register is read, the IC deasserts the interrupt signal (IRQ).
• Interrupt verification
The reason the interrupt was generated is verified from the values of the MIS, PMS, and RMS fields in the
status register.
This determines what processing must be performed next.
Note: Interrupt signal wait processing can not be used in PCI mode.
In that case, the IC internal state changes should be determined by periodically reading the status register.
I Operation
2. Operating Procedures (continued)
2. 4. Gray-scale data readout processing (continued)
• Gray-scale data readout processing flowchart (continued)
• Has 1 frame completed?
Processing terminates if the gray-scale data readout operation has completed the output of the gray-scale data
for a single figure or font character. The IC divides the gray-scale data into units internally, and if there is still
data that must be output (REC
= 0), another read operation must be performed again by checking the status
register.
start
Path data write
Interrupt signal check
Status register check
(status read)
IRQ
= "H"
IRQ
= "H"→"L"
PMS
= 00
RMS
= 11
IRQ
= "L"
MIS
= 1→0
Interrupt verification
Initialization complete
Gray-scale data readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com