Electronic Components Datasheet Search
  English  ▼

X  

LEUWQ9WP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LEUWQ9WP
Description  compact lightsource in SMT technology with glass window on top
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LEUWQ9WP Datasheet(HTML) 1 Page - OSRAM GmbH

  LEUWQ9WP Datasheet HTML 1Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 2Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 3Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 4Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 5Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 6Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 7Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 8Page - OSRAM GmbH LEUWQ9WP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2015-11-27
1
2015-11-27
OSRAM OSTAR Compact
Datasheet
Version 2.2 (not for new design)
LE UW Q9WP
Compact light source in SMT technology, glass
window on top, ultra white, Lead (Pb) free - RoHS
compliant
Compact light source in SMT technology, glass
window on top, ultra white, Lead (Pb) free - RoHS
compliant
Features:
Besondere Merkmale:
•
Package: compact lightsource in SMT technology
with glass window on top
•
Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: Cx = 0.31, Cy = 0.32 acc. to CIE 1931
(ultra white)
•
Farbe: Cx = 0.31, Cy = 0.32 nach CIE 1931
(ultra weiß)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
•
Exterior Automotive Lighting
•
Automobilbeleuchtung außen
•
Floodlight
•
Flutlicht
•
Torch Light
•
Taschenlampe


Similar Part No. - LEUWQ9WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEUWQ9WP-8M7N-GMKM OSRAM-LEUWQ9WP-8M7N-GMKM Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
More results

Similar Description - LEUWQ9WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
compact lightsource in SMT technology with glass window on top
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ7WP-5C8C-24 OSRAM-LEBQ7WP-5C8C-24 Datasheet
875Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com