Electronic Components Datasheet Search
  English  ▼

X  

LRTBG6SF Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRTBG6SF
Description  white P-LCC-6 package with diffused silicone resin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBG6SF Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRTBG6SF Datasheet HTML 7Page - OSRAM GmbH LRTBG6SF Datasheet HTML 8Page - OSRAM GmbH LRTBG6SF Datasheet HTML 9Page - OSRAM GmbH LRTBG6SF Datasheet HTML 10Page - OSRAM GmbH LRTBG6SF Datasheet HTML 11Page - OSRAM GmbH LRTBG6SF Datasheet HTML 12Page - OSRAM GmbH LRTBG6SF Datasheet HTML 13Page - OSRAM GmbH LRTBG6SF Datasheet HTML 14Page - OSRAM GmbH LRTBG6SF Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LRTB G6SF
2010-12-02
11
Relative Lichtstärke6) 7) Seite 23
Relative Luminous Intensity6) 7) page 23
I
V/
I
Vgroup = f (IF/IFgroup); TS = 25 °C
Relative Lichtstärke6) 7) Seite 23
Relative Luminous Intensity6) 7) page 23
I
V/
I
V(25°C) = f (Tj); IF = IFgroup
Farbortverschiebung2) Seite 23
Chromaticity Coordinate Shift2) page 23
∆
Cx, ∆Cy =
f (I
F/IFgroup); TS = 25 °C
Farbortverschiebung2) Seite 23
Chromaticity Coordinate Shift2) page 23
∆
Cx, ∆Cy =
f (T
j); IF = IFgroup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com