Electronic Components Datasheet Search
  English  ▼

X  

D251K Datasheet(PDF) 4 Page - eupec GmbH

Part # D251K
Description  Leistungsgleichrichterdioden Power Rectifier Diodes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

D251K Datasheet(HTML) 4 Page - eupec GmbH

  D251K Datasheet HTML 1Page - eupec GmbH D251K Datasheet HTML 2Page - eupec GmbH D251K Datasheet HTML 3Page - eupec GmbH D251K Datasheet HTML 4Page - eupec GmbH D251K Datasheet HTML 5Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10 3
10
2
10
4
iFM [A]
D251K_7
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
1
10
100
0,1
800
400
200
100
50
25
0
30
60
90
120
150
180
0,04
0,02
0,03
0,01
0,05
0,06
D251K_3
T
Θ
Θ
T
0,25
0,20
0,15
0,10
0,05
0
D251K_2
10
-3
10
-2
10
-1
10
0
10
1
10
2
[
µAs]
Qr
Z(th)JC
[°C/W]
[°C/W]
thJC
∆R
Θ [°el]
-diF /dt [A/µs]
t [s]
T
Θ
Bild / Fig. 5
Differenz zwischen den Wärmewiderständen
für Pulsstrom und DC
Difference between the values of thermal resistance for
pulse current and DC
Parameter: Stromkurvenform / Current waveform
Bild / Fig. 6
Sperrverzögerungsladung / Recovered charge Qr = f(-diF/dt)
tvj = tvjmax; vR
≤ 0,5 VRRM; VRM = 0,8 VRRM
Beschaltung / Snubber: C = 0,47 µF; R = 8,2
Ω
Parameter: Durchlaßstrom / Forward current iFM
Analytische Funktion / Analytical function:
nmax
n=1
Analytische Elemente des transienten Wärmewiderstandes ZthJC für DC
Analytical elements of transient thermal impedance ZthJC for DC
Bild / Fig. 7
Transienter innerer Wärmewiderstand
Transient thermal impedance ZthJC = f(t), DC
1 - Beidseitige Kühlung / Two-sided cooling
2 - Anodenseitige Kühlung / Anode-sided cooling
3 - Kathodenseitige Kühlung / Cathode-sided cooling
ZthJC =
Rthn(1-EXP(-t/
τn))
Σ
Pos. n
Rthn °C/W
τn [s]
1
2
3
4
5
6
7
D 251 K
0,00045
0,000106
0,00422
0,00115
0,00703
0,00556
0,0576
0,192
0,1195
0,663
0,0412
4,3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com