Electronic Components Datasheet Search
  English  ▼

X  

MP2316 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2316
Description  19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2316 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2316 Datasheet HTML 13Page - Monolithic Power Systems MP2316 Datasheet HTML 14Page - Monolithic Power Systems MP2316 Datasheet HTML 15Page - Monolithic Power Systems MP2316 Datasheet HTML 16Page - Monolithic Power Systems MP2316 Datasheet HTML 17Page - Monolithic Power Systems MP2316 Datasheet HTML 18Page - Monolithic Power Systems MP2316 Datasheet HTML 19Page - Monolithic Power Systems MP2316 Datasheet HTML 20Page - Monolithic Power Systems MP2316 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP2316 – 19V, 3A LOW IQ STEP DOWN CONVERTER
MP2316 Rev. 1.11
www.MonolithicPower.com
17
4/11/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage. First, choose a value for R2. R2
should be chosen reasonably, a small R2 will
lead to considerable quiescent current loss
while too large R2 makes the FB noise
sensitive. It is recommended to choose a value
within for R2. Typically, set the current through
R2 between will make a good balance between
system stability and also the no load loss. Then
R1 is determined as follow:
OUT
REF
REF
VV
R1
R2
V

(11)
Where the VREF is 0.6V typically.
The feedback circuit is shown as Figure 9.
Figure 9—Feedback Network
Table 2 lists the recommended resistors value
for common output voltages.
Table 2—Resistor Selection for Common
Output Voltages(9)
VOUT(V)
R1(kΩ)
R2(kΩ)
1.0
27
40.2
1.2
40.2
40.2
1.5
60.4
40.2
1.8
80.6
40.2
2.5
127
40.2
3.3
182
40.2
5
294
40.2
Notes:
10) The feedback resistors in table 2 are optimized for 500kHz
switching frequency. The detailed schematics are shown on
the typical application circuit section.
Setting the Frequency
Refer to Mode selection section. Set the forced
PWM mode switching frequency by connecting
a resistor R6 from VIN to FREQ/MODE pin and
leaving R7 NS. The R6 is determined as follows:

6
Delay _ PWM
IN
SW
IN
Vo 10
T
(ns)
V
0.4
F(kHz) V
R6(k )
14.5





(12)
Where TDelay_PWM is about 15ns.
Figure 10—R6 vs. Forced PWM Mode
Switching Frequency
Set the auto PFM/PWM mode switching
frequency by connecting a resistor R7 from
FREQ/MODE pin to ground and leaving R6 NS.
The R7 is determined as follow:

6
Delay _ PFM
IN
SW
IN
Vo 10
T
(ns)
V
0.4
F(kHz) V
R7(k )
13





(13)
Where TDelay_PFM is about 10ns.
Figure 11—R7 vs. Auto PFM/PWM Mode
Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com