Electronic Components Datasheet Search
  English  ▼

X  

MP2318 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP2318
Description  High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2318 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP2318 Datasheet HTML 10Page - Monolithic Power Systems MP2318 Datasheet HTML 11Page - Monolithic Power Systems MP2318 Datasheet HTML 12Page - Monolithic Power Systems MP2318 Datasheet HTML 13Page - Monolithic Power Systems MP2318 Datasheet HTML 14Page - Monolithic Power Systems MP2318 Datasheet HTML 15Page - Monolithic Power Systems MP2318 Datasheet HTML 16Page - Monolithic Power Systems MP2318 Datasheet HTML 17Page - Monolithic Power Systems MP2318 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MP2318 – 24V, 2A SYNC STEP-DOWN CONVERTER
21
100
R
4
C4
5
32.4k
1.8
MP2318
31.6k
0.82uH
6
5
20
40.2
12
Figure 13: Vin=12V, Vo=1.8V, Io=2A
14
100
R
4
C4
5
19.1k
1.2
MP2318
160k
0.68uH
6
5
20
80.6
12
Figure 14: Vin=12V, Vo=1.2V, Io=2A
13
100
R
4
C4
5
13k
1.05
MP2318
255k
0.68uH
6
5
20
80.6
12
Figure 15: Vin=12V, Vo=1.05V, Io=2A
MP2318 Rev. 1.0
www.MonolithicPower.com
17
3/2/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com