Electronic Components Datasheet Search
  English  ▼

X  

MP2324 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2324
Description  High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2324 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2324 Datasheet HTML 8Page - Monolithic Power Systems MP2324 Datasheet HTML 9Page - Monolithic Power Systems MP2324 Datasheet HTML 10Page - Monolithic Power Systems MP2324 Datasheet HTML 11Page - Monolithic Power Systems MP2324 Datasheet HTML 12Page - Monolithic Power Systems MP2324 Datasheet HTML 13Page - Monolithic Power Systems MP2324 Datasheet HTML 14Page - Monolithic Power Systems MP2324 Datasheet HTML 15Page - Monolithic Power Systems MP2324 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP2324
– 24V, 2A SYNC STEP-DOWN CONVERTER
MP2324 Rev. 1.0
www.MonolithicPower.com
12
12/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see Typical Application on page
1). The feedback resistor R1 also sets the
feedback loop bandwidth with the internal
compensation
capacitor
(see
Typical
Application on page 1). R2 is then given by:
OUT
R1
R2
V
1
0.8V
The T-type network is highly recommended, as
Figure 5 shows.
Figure 5: T-type Network
Table 1 lists the recommended T-type resistors
value for common output voltages.
Table 1
—Resistor Selection for Common
Output Voltages
VOUT(V) R1(kΩ) R2(kΩ) Rt (kΩ) L (µH)
Cf (µF)
1
20.5
76.8
100
2.2
15
1.2
20.5
39.2
100
2.2
15
1.8
40.2
31.6
56
4.7
15
2.5
40.2
18.7
56
4.7
15
3.3
40.2
12.7
33
6.5
15
5
40.2
7.5
33
6.5
15
Selecting the Inductor
A 1µH to 22µH inductor with a DC current rating
of at least 25% percent higher than the
maximum load current is recommended for
most applications. For highest efficiency, the
inductor DC resistance should be less than
15mΩ. For most designs, the inductance value
can be derived from the following equation.
OUT
IN
OUT
1
IN
L
OSC
V
(V
V
)
L
V
I
f

  
Where ΔI
L is the inductor ripple current.
Choose inductor current to be approximately
30%
of
the
maximum
load
current.
The
maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
Under light load conditions below 100mA, larger
inductance
is
recommended
for
improved
efficiency.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required
to supply the AC current to the step-down
converter
while
maintaining
the
DC
input
voltage. Use low ESR capacitors for the best
performance. Ceramic capacitors with X5R or
X7R
dielectrics
are
highly
recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 22µF capacitor is sufficient.
Since the input capacitor (C1) absorbs the input
switching current it requires an adequate ripple
current rating. The RMS current in the input
capacitor can be estimated by:
IN
OUT
IN
OUT
LOAD
1
C
V
V
1
V
V
I
I
The worse case condition occurs at VIN =
2VOUT, where:
2
I
I
LOAD
1
C
For simplification, choose the input capacitor
whose RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors,
a
small,
high
quality
ceramic
capacitor, i.e. 0.1μF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input. The
input voltage ripple caused by capacitance can
be estimated by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com