Electronic Components Datasheet Search
  English  ▼

X  

MP2388 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2388
Description  1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2388 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2388 Datasheet HTML 8Page - Monolithic Power Systems MP2388 Datasheet HTML 9Page - Monolithic Power Systems MP2388 Datasheet HTML 10Page - Monolithic Power Systems MP2388 Datasheet HTML 11Page - Monolithic Power Systems MP2388 Datasheet HTML 12Page - Monolithic Power Systems MP2388 Datasheet HTML 13Page - Monolithic Power Systems MP2388 Datasheet HTML 14Page - Monolithic Power Systems MP2388 Datasheet HTML 15Page - Monolithic Power Systems MP2388 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP2388 – 1A, 21V, 2MHZ , HIGH-EFFICIENCY, SYNCHRONOUS, STEP-DOWN CONVERTER
MP2388 Rev. 1.0
www.MonolithicPower.com
12
4/15/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Internal Soft Start (SS)
A soft start (SS) is implemented to prevent the
converter output voltage from overshooting
during start-up. When the chip starts up, the
internal circuitry generates a soft-start voltage
that ramps up from 0V. The soft-start period
lasts until the voltage on the soft-start capacitor
exceeds the reference voltage (0.798V). At this
point, the reference voltage takes over. The
soft-start time is internally set to around 1.5ms.
Over-Current Protection (OCP) and Hiccup
The MP2388 uses a cycle-by-cycle over-current
limit when the inductor current peak value
exceeds
the
set
current-limit
threshold.
Meanwhile, the output voltage drops until FB is
below
the
under-voltage
(UV)
threshold,
typically 50% below the reference. Once UV is
triggered, the MP2388 enters hiccup mode to
restart the part periodically. This protection
mode is especially useful when the output is
dead-shorted to ground. The average short-
circuit current is greatly reduced to alleviate
thermal issues and protect the regulator. The
MP2388 exits hiccup mode once the over-
current condition is removed.
Thermal Shutdown
Thermal shutdown is implemented to prevent
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
is higher than 150°C, the entire chip shuts
down. When the temperature is below its lower
threshold (typically 130°C), the chip is enabled
again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. The UVLO
rising threshold is 2.2V with a hysteresis of
150mV. The bootstrap capacitor voltage is
regulated internally by VIN through D1, R5, C5,
L1, and C2 (see Figure 4). If VIN - VSW is more
than 5V, U1 regulates M1 to maintain a 5V BST
voltage across C5.
5
R5
Figure 4: Internal Bootstrap Charging Circuit
Start-Up and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating a stable
reference voltage and current, and then the
internal regulator is enabled. The regulator
provides a stable supply for the remaining
circuitries.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. In the shutdown
procedure, the signaling path is first blocked to
prevent any fault triggering. VCOMP and the
internal supply rail are then pulled down. The
floating driver is not subject to this shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com