Electronic Components Datasheet Search
  English  ▼

X  

MP4410 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4410
Description  36V, 100mA Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4410 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4410 Datasheet HTML 9Page - Monolithic Power Systems MP4410 Datasheet HTML 10Page - Monolithic Power Systems MP4410 Datasheet HTML 11Page - Monolithic Power Systems MP4410 Datasheet HTML 12Page - Monolithic Power Systems MP4410 Datasheet HTML 13Page - Monolithic Power Systems MP4410 Datasheet HTML 14Page - Monolithic Power Systems MP4410 Datasheet HTML 15Page - Monolithic Power Systems MP4410 Datasheet HTML 16Page - Monolithic Power Systems MP4410 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
MP4410―36V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MP4410 Rev.1.0
www.MonolithicPower.com
13
12/18/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting Peak Current
The peak current can be programmed from
55mA to 260mA by changing the resistor
between ILIM pin and ground. The peak current
setting resistor RILIM can be calculated by the
formula:
ILIM
peak
22
R(k )
I
=Ω
Where 55mA≤Ipeak≤260mA.
When RILIM≤84kΩ, Ipeak is clamped at its
maximum value 260mA; when RILIM≥400kΩ,
Ipeak is clamped to its minimum value 55mA. To
be convenient, ILIM pin can be just shorted to
GND when Ipeak is set at 260mA and floating
when Ipeak is set at 55mA.
When setting Ipeak, be noticed that the
maximum output current is equal to half of the
Ipeak. Make sure the Ipeak is high enough for
the output current requirement. Also be noticed
that higher Ipeak would result in higher inductor
current ripple, larger input and output voltage
ripple, which means bigger components (inductor,
input and output capacitors).
Selecting the Inductor
As the Ipeak is determined, for given input
voltage and output voltage, the inductor value
can be determined by the following formula:
(
)
s
peak
IN
OUT
IN
OUT
f
I
V
V
-
V
V
L
×
×
×
=
Where fs is the switching frequency at the
maximal output current.
Larger inductor value results in lower switching
frequency, as well as higher efficiency. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current as well as the slow load
transient dynamic performance. There is also a
lower limit of the inductor value, which is
determined by the minimum on time. In order to
keep the inductor working under control, the
inductor value should be chosen higher than
Lmin that is derived from below formula:
peak
ON(MIN)
MAX
IN
MIN
I
T
V
L
×
=
)
(
Where VIN(MAX) is the max value of input voltage.
TON(MIN) is the designed 100ns minimum switch
on time.
Switching Frquency
Switching frequency can be estimated by below
equation.
()
L
V
I
V
-
V
V
Io
2
f
IN
2
peak
OUT
IN
OUT
s
×
×
×
×
×
=
Higher Ipeak and inductor can get lower fs. And
fs inceases as Io increasing. When Io increases
to its maximal value Ipeak/2, fs also reaches its
highest value and can be derived by:
()
L
V
I
V
-
V
V
f
IN
peak
OUT
IN
OUT
s(max)
×
×
×
=
Below figures show the calculated fs(max) at
different VIN and inductor with typical Vo (3.3V
and 5V) and Ipeak (220mA).
Figure 3 – fs(max) at VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com