Electronic Components Datasheet Search
  English  ▼

X  

MP4420H Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4420H
Description  High Efficiency 2A, 36V, Synchronous Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4420H Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4420H Datasheet HTML 7Page - Monolithic Power Systems MP4420H Datasheet HTML 8Page - Monolithic Power Systems MP4420H Datasheet HTML 9Page - Monolithic Power Systems MP4420H Datasheet HTML 10Page - Monolithic Power Systems MP4420H Datasheet HTML 11Page - Monolithic Power Systems MP4420H Datasheet HTML 12Page - Monolithic Power Systems MP4420H Datasheet HTML 13Page - Monolithic Power Systems MP4420H Datasheet HTML 14Page - Monolithic Power Systems MP4420H Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP4420H – 36V, 2A SYNCHRONOUS STEP-DOWN CONVERTER
MP4420H Rev. 1.0
www.MonolithicPower.com
11
8/5/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 3.3V, L = 10µH, RBST=20Ω, TA = +25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com