Electronic Components Datasheet Search
  English  ▼

X  

MP4423A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4423A
Description  3A, 36V, High-Efficiency, Synchronous, Step-Down Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4423A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4423A Datasheet HTML 8Page - Monolithic Power Systems MP4423A Datasheet HTML 9Page - Monolithic Power Systems MP4423A Datasheet HTML 10Page - Monolithic Power Systems MP4423A Datasheet HTML 11Page - Monolithic Power Systems MP4423A Datasheet HTML 12Page - Monolithic Power Systems MP4423A Datasheet HTML 13Page - Monolithic Power Systems MP4423A Datasheet HTML 14Page - Monolithic Power Systems MP4423A Datasheet HTML 15Page - Monolithic Power Systems MP4423A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
MP4423A – 3A, 36V, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4423A Rev.1.0
www.MonolithicPower.com
12
4/22/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback. Connect FB to the tap of an external resistor divider from the output to GND to
set the output voltage. When the FB voltage is below 660mV, the frequency foldback
comparator lowers the oscillator frequency to prevent current limit runaway during a short-
circuit fault condition.
2
VCC
Bias supply. Decouple VCC with a 0.1μF to 0.22μF capacitor. Select a capacitor that
does not exceed 0.22μF.
3
EN/SYNC
Enable/synchronize. Drive EN/SYNC high to enable the MP4423A. Apply an external
clock to EN/SYNC to change the switching frequency.
4
BST
Bootstrap. A capacitor connected between SW and BST is required to form a floating
supply across the high-side switch driver. A 20Ω resistor placed between the SW and BST
cap is strongly recommended to reduce SW voltage spikes.
5
GND
System ground. GND is the reference ground of the regulated output voltage. GND
requires special consideration during PCB layout. For best results, connect GND with
copper traces and vias.
6
SW
Switch output. Connect using a wide PCB trace.
7
IN
Supply voltage. The MP4423A operates from a 4V to 36V input rail. C1 is required to
decouple the input rail. Connect using a wide PCB trace.
8
PG
Power good. The output of PG is an open drain and goes high if the output voltage
exceeds 90% of the nominal voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com