Electronic Components Datasheet Search
  English  ▼

X  

MP4430 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4430
Description  36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4430 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4430 Datasheet HTML 14Page - Monolithic Power Systems MP4430 Datasheet HTML 15Page - Monolithic Power Systems MP4430 Datasheet HTML 16Page - Monolithic Power Systems MP4430 Datasheet HTML 17Page - Monolithic Power Systems MP4430 Datasheet HTML 18Page - Monolithic Power Systems MP4430 Datasheet HTML 19Page - Monolithic Power Systems MP4430 Datasheet HTML 20Page - Monolithic Power Systems MP4430 Datasheet HTML 21Page - Monolithic Power Systems MP4430 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
MP4430
– 36V, 3.5A, LOW IQ, SYNCHRONOUS, STEP-DOWN CONVERTER
MP4430 Rev. 1.01
www.MonolithicPower.com
18
1/12/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP4430 is a high-frequency, synchronous,
rectified,
step-down,
switch-mode
converter
with integrated internal high-side and low-side
power MOSFETs. The MP4430 offers a very
compact
solution
that
achieves
3.5A
of
continuous output current with excellent load
and line regulation over a wide 3.3V to 36V
input supply range.
The MP4430 features a switching frequency
programmable
from
350kHz
to
2.5MHz,
external soft start, power good indication, and
precision current limit. Its very low operational
quiescent current makes it suitable for battery-
powered applications.
Pulse-Width Modulation (PWM) Control
At moderate to high output current, the MP4430
operates in a fixed-frequency, peak-current-
control mode to regulate the output voltage. An
internal clock initiates a pulse-width modulation
(PWM) cycle. At the rising edge of the clock,
the high-side power MOSFET (HS-FET) is
turned on, and the inductor current rises linearly
to provide energy to the load. The HS-FET
remains on until its current reaches the value
set by the COMP voltage (VCOMP), which is the
output of the internal error amplifier. If in one
PWM period, the current in the HS-FET does
not reach VCOMP, the HS-FET remains on,
saving a turn-off operation.
When the HS-FET is off, it remains off until the
next clock cycle begins. The low-side MOSFET
(LS-FET) is turned on immediately while the
inductor current flows through it.
To prevent shoot-through, a dead time is
inserted to prevent the HS-FET and LS-FET
from being on at the same time. For each turn-
on and -off in a switching cycle, the HS-FET
turns on or off with minimum on and off time
limit.
Forced CCM and AAM
The MP4430 has selectable forced continuous
conduction
mode
(CCM)
and
advanced
asynchronous mode (AAM) (see Figure 3).
Driving
SYNC
higher
than
its
specified
threshold before the chip starts up forces the
device
into
CCM
with
a
fixed
frequency
regardless of the output load current.
Once the device is in CCM, SYNC can be
pulled low again, or with an external clock if
needed.
The
advantage
of
CCM
is
the
controllable frequency and smaller output ripple,
but it also has low efficiency at light load.
Driving SYNC below its specified threshold or
leaving SYNC floating before the chip starts up
enables AAM power-save mode. The MP4430
first enters non-synchronous operation for as
long as the inductor current approaches zero at
light load. If the load is further decreased or is
at no load, then VCOMP is below the internally set
AAM value (VAAM). The MP4430 then enters
sleep
mode,
which
consumes
very
low
quiescent current to further improve light-load
efficiency.
In sleep mode, the internal clock is blocked first,
so the MP4430 skips some pulses. Since the
FB voltage (VFB) is lower than the internal 0.8V
reference (VREF) at this time, VCOMP ramps up
until it crosses over VAAM. Then the internal
clock is reset, and the crossover time is taken
as the benchmark of the next clock. This control
scheme helps achieve high efficiency by scaling
down the frequency to reduce switching and
gate driver losses during light-load or no-load
conditions.
When the output current increases from light-
load condition, VCOMP becomes larger, and the
switching frequency increases. If the DC value
of VCOMP exceeds VAAM, the operation mode
resumes DCM or CCM, which have a constant
switching frequency.
Forced CCM Mode
Inductor
Current
t
t
t
Load
Decreased
AAM Mode
Inductor
Current
t
t
t
Load
Decreased
Figure 3: Forced CCM and AAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com