Electronic Components Datasheet Search
  English  ▼

X  

MP8619 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8619
Description  8A, 25V, 600kHz Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8619 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8619 Datasheet HTML 1Page - Monolithic Power Systems MP8619 Datasheet HTML 2Page - Monolithic Power Systems MP8619 Datasheet HTML 3Page - Monolithic Power Systems MP8619 Datasheet HTML 4Page - Monolithic Power Systems MP8619 Datasheet HTML 5Page - Monolithic Power Systems MP8619 Datasheet HTML 6Page - Monolithic Power Systems MP8619 Datasheet HTML 7Page - Monolithic Power Systems MP8619 Datasheet HTML 8Page - Monolithic Power Systems MP8619 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP8619 – 8A, 25V, SYNCHRONOUS STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP8619 Rev. 0.9
www.MonolithicPower.com
4
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1—4
NC
No Connect.
5—8
BG
Low Side Gate Drive
9—15, 20,21,
30
GND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout. Connect exposed pad to GND
plane for optimal thermal performance.
16—19
Exposed Pad
SW
Switch Output. Use wide PCB traces and multiple vias to make the connection.
22
VCC
Bias Supply. Decouple with 1µF capacitor.
23
BST
Bootstrap. A capacitor connected between SW and BS pins is required to form a
floating supply across the high-side switch driver.
24
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB
pin, sets the output voltage.
25
PG
Power Good Output, the output of this pin is open drain. Power good threshold is
90% low to high and 70% high to low of regulation value. There is a 20μs delay to
pull PG if the output voltage is lower than 10% of regulation value.
26
EN/SYNC
EN=1 to enable the MP8619. External clock can be applied to EN pin for changing
switching frequency. For automatic start-up, connect EN pin to VIN with 100KΩ
resistor.
27—29
IN
Supply Voltage. The MP8619 operates from a +4.5V to +25V input rail. C1 is
needed to decouple the input rail. Use wide PCB traces and multiple vias to make
the connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com