Electronic Components Datasheet Search
  English  ▼

X  

MP8619EQJ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8619EQJ
Description  8A, 25V, 600kHz Synchronous Step-down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8619EQJ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8619EQJ Datasheet HTML 1Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 2Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 3Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 4Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 5Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 6Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 7Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 8Page - Monolithic Power Systems MP8619EQJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP8619
8A, 25V, 600kHz
Synchronous Step-down Converter
MP8619 Rev. 0.9
www.MonolithicPower.com
1
12/10/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8619 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 8A continuous
output current over a wide input supply range
with excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include OCP and thermal
shut down.
The MP8619 requires a minimum number of
readily available standard external components
and is available in a space saving 5mm x 6mm
30-pin QFN package.
FEATURES
• Wide 4.5V to 25V Operating Input Range
• 8A Output Current
• Proprietary
Switching
Loss
Reduction
Technique
• Fixed 600kHz Switching Frequency
• Sync from 300kHz to 2MHz External Clock
• Internal Compensation
• OCP Protection and Thermal Shutdown
• Output Adjustable from 0.8V to 15V
• Available in 30-pin 5x6mm QFN30 Package
APPLICATIONS
•
Networking Systems
•
Digital Set Top Boxes
•
Distributed Power Systems
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
BST
IN
VCC
SW
EN/SYNC
GND
MP8619
27-29
23
16-19
26
5-8
9-15,20,21,30
22
25
VIN
VOUT
L1
1.5uH
FB
BG
PG
C3
1uF
C1
22uF
C2
100uF
C4
1uF
R3
100k
R1
31.6k
ON OFF
24
R2
10k
OUTPUT CURRENT(A)
Efficiency
VIN =12.6V, VOUT =3.3V
50
55
60
65
70
75
80
85
90
95
100
0123456789


Similar Part No. - MP8619EQJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP86 ETC1-MP86 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8606 MPS-MP8606 Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
MP8606DL MPS-MP8606DL Datasheet
1Mb / 17P
6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
logo
Schneider Electric
MP86200 SCHNEIDER-MP86200 Datasheet
169Kb / 2P
MP Meter Pak, main lugs, six ringed sockets, no bypass, 4 jaws, OH, UG, 800 A bus, 200 A, 240 VAC single phase 3W
logo
Monolithic Power System...
MP8642 MPS-MP8642 Datasheet
342Kb / 12P
Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
More results

Similar Description - MP8619EQJ

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7258 RICHTEK-RT7258 Datasheet
330Kb / 18P
8A, 24V, 600kHz Step-Down Converter with Synchronous Gate Driver
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP2212 MPS-MP2212 Datasheet
613Kb / 14P
16V, 3A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
logo
Lowpower Semiconductor ...
LP6498 POWER-LP6498 Datasheet
816Kb / 9P
600KHz 36V/1.2A Synchronous Step-down Converter
logo
First Silicon Co., Ltd
FC3470DFN22 FS-FC3470DFN22 Datasheet
859Kb / 13P
600kHz, 18V, 2.0A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com