Electronic Components Datasheet Search
  English  ▼

X  

BCF060T Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCF060T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCF060T Datasheet(HTML) 2 Page - BeRex Corporation

  BCF060T Datasheet HTML 1Page - BeRex Corporation BCF060T Datasheet HTML 2Page - BeRex Corporation BCF060T Datasheet HTML 3Page - BeRex Corporation BCF060T Datasheet HTML 4Page - BeRex Corporation BCF060T Datasheet HTML 5Page - BeRex Corporation BCF060T Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.3
BCF060T
ELECTRICAL CHARACTERISTIC (Vds = 8V, Ta = 25° C)
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY MINIMUM
TYPICAL
MAXIMUM UNIT
P1dB Output Power @ P
1dB
(Vds = 8V, Ids = 50%
Idss)
12 GHZ
18 GHz
23.0
22.6
25.0
24.6
dBm
G1dB Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
18 GHz
10.5
8.0
12.5
10.0
dB
PAE PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
18 GHz
32
31
%
NF
Noise figure (Vds = 2V, Ids = 10 mA)
12 GHz
1.85
dB
Ga
Associated Gain ((Vds = 2V, Ids = 10 mA)
12 GHz
9.5
dB
ELECTRICAL CHARACTERISTIC (Vds = 6V, Ta = 25° C)
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY MINIMUM
TYPICAL
MAXIMUM UNIT
P1dB Output Power @ P
1dB
(Vds = 6V, Ids = 50%
Idss)
12 GHZ
18 GHz
22.5
22.3
24.5
24.3
dBm
G1dB Gain @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHZ
18 GHz
10.2
7.8
12.2
9.8
dB
PAE PAE @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHZ
18 GHz
37
39
%
NF
Noise figure (Vds = 2V, Ids = 10 mA)
12 GHz
1.85
dB
Ga
Associated Gain ((Vds = 2V, Ids = 10 mA)
12 GHz
9.5
dB
MAXIMUM RATINGS (Ta = 25° C)
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-8 V
Idss
15 mA
21 dBm
175° C
-60° C - 150° C
1.9 W
8 V
-4V
Idss
2.4 mA
@ 3dB compression
150° C
-60° C - 150° C
1.6 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com