Electronic Components Datasheet Search
  English  ▼

X  

BCF240T Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCF240T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCF240T Datasheet(HTML) 2 Page - BeRex Corporation

  BCF240T Datasheet HTML 1Page - BeRex Corporation BCF240T Datasheet HTML 2Page - BeRex Corporation BCF240T Datasheet HTML 3Page - BeRex Corporation BCF240T Datasheet HTML 4Page - BeRex Corporation BCF240T Datasheet HTML 5Page - BeRex Corporation BCF240T Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.berex.com
BeRex, Inc. 3350 Scott Blvd. #61-01 Santa Clara, CA 95054 tel. (408) 452-5595
January 2015
Specifications are subject to change without notice. ©BeRex 2015
Rev. 1.3
BCF240T
ELECTRICAL CHARACTERISTIC (Vds = 8V, Ta = 25° C)
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY
MINIMUM
TYPICAL
MAXIMUM UNI
T
P1dB Output Power @ P
1dB
(Vds = 8V, Ids = 50%
Idss)
12 GHZ
18 GHZ
28.4
28.1
30.4
30.1
dBm
G1dB Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
18 GHZ
7.8
5.7
9.8
7.7
dB
PAE PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHZ
18 GHZ
26.7
25.5
%
ELECTRICAL CHARACTERISTIC (Vds = 6V, Ta = 25° C)
PARAMETER/TEST CONDITIONS
TEST
FREQUENCY
MINIMUM
TYPICAL
MAXIMUM UNI
T
P1dB
Output Power @ P1dB (Vds = 6V, Ids = 50%
Idss)
12 GHZ
18 GHZ
28.8
28.1
30.8
30.1
dBm
G1dB
Gain @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHZ
18 GHZ
7.1
5.4
9.1
7.4
dB
PAE
PAE @ P1dB (Vds = 6V, Ids = 50% Idss)
12 GHZ
18 GHZ
40
33
%
MAXIMUM RATINGS (Ta = 25° C)
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-8 V
Idss
60 mA
29 dBm
175° C
-60° C - 150° C
5.4 W
8 V
-4V
Idss
9.6 mA
@ 3dB compression
150° C
-60° C - 150° C
4.5 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com