Electronic Components Datasheet Search
  English  ▼

X  

BD23B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BD23B
Description  Dual Band 2-Way SMT Power Divider
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD23B Datasheet(HTML) 2 Page - BeRex Corporation

  BD23B Datasheet HTML 1Page - BeRex Corporation BD23B Datasheet HTML 2Page - BeRex Corporation BD23B Datasheet HTML 3Page - BeRex Corporation BD23B Datasheet HTML 4Page - BeRex Corporation BD23B Datasheet HTML 5Page - BeRex Corporation BD23B Datasheet HTML 6Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dual Band 2-Way SMT Power Divider
BD23B
1900~2500MHz PCS, WCDMA & TD-SCDMA, WiBro
2
Rev. F
BeRex
●website: www.berex.com
●email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2018 BeRex
Typical Test Data
With Back Side Ground Soldering
Without Back Side Ground Soldering
Parameters
Unit
WCDMA & TD-SCDMA
WiBro
Frequency Range
MHz
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.38
0.39
0.44
0.42
0.46
0.54
Isolation
dB
18.7
21.6
25.8
24.2
28.5
23.8
IRL(S11)
dB
-21.4
-26.7
-25.2
-27.0
-21.6
-17.4
ORL(S22,S33)
dB
-20.9
-24.5
-23.0
-23.7
-21.6
-20.8
Phase Diff.
deg
0.0
0.2
0.3
0.3
0.5
0.7
Amplitude Balance
dB
0.03
0.04
0.06
0.05
0.06
0.09
Parameters
Unit
WCDMA & TD-SCDMA
WiBro
Frequency Range
MHz
1900
2075
2250
2200
2350
2500
Insertion Loss
dB
0.36
0.38
0.45
0.42
0.49
0.6
Isolation
dB
19.2
22.2
25.7
24.7
25.8
20.5
IRL(S11)
dB
-24.2
-26.0
-20.4
-22.1
-17.6
-14.2
ORL(S22,S33)
dB
-22.3
-25.0
-21.9
-22.8
-20.4
-19.3
Phase Diff.
deg
1.7
1.6
1.7
1.7
1.7
1.8
Amplitude Balance
dB
0.07
0.06
0.07
0.07
0.06
0.06



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com