Electronic Components Datasheet Search
  English  ▼

X  

WMAPU10 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # WMAPU10
Description  8~10 Watts AC/DC Wall Mount Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMAPU10 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  WMAPU10 Datasheet HTML 1Page - Wall Industries,Inc. WMAPU10 Datasheet HTML 2Page - Wall Industries,Inc. WMAPU10 Datasheet HTML 3Page - Wall Industries,Inc. WMAPU10 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev B
WMAPU10 SERIES
8~10 Watts
AC/DC Wall Mount Power Supplies
07/03/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 4
Size:
Weight:
2.20 x 1.73 x 1.08 inches
3.17oz (90g)
56.0 x 44.0 x 27.5 mm
FEATURES
• Class II
• RoHS Compliant
• 10 Watts Output Power
• 85% High Efficiency
• Energy Star 2.0, Efficiency Level VI
• 90-264VAC Input Voltage Range
• 100% Burn-In Tested
• 2 Prong Plug-in Mains Connector
• Single Outputs Ranging from 5VDC to 48VDC
• -40°C to +70°C Operating Temperature Range
• Meets FCC Class B Emission Limits
• UL/cUL (UL 60950-1: 2nd ed.) & TUV/GS (EN 60950-1:
2nd ed.) Safety Approvals
• Optional Output Connectors Available
DESCRIPTION
The WMAPU10 series of Class II AC/DC wall mount power supplies provides 10 Watts of
continuous output power in a 2.20 x 1.73 x 1.08 inch package. This series consists of single
output models ranging from 5VDC to 48VDC with a 90~264VAC input voltage range and a -40°C
to +70°C operating temperature. All units are UL 94V-1, RoHS, and CEC & Energy Star Level VI
compliant. This series also meets new CE requirements and FCC class B emission limits. All
models have UL/cUL (UL 60950-1: 2nd edition) and TUV/GS (EN 60950-1: 2nd edition) safety
approvals. All units have been 100% burn-in tested.
MODEL SELECTION TABLE
Model Number
Input Voltage
Range
Output Voltage
(1)
Output Current Total Regulation (2) Ripple & Noise Output Power
No-Load
Power Consumption
WMAPU10-102
90 ~ 264VAC
5 ~ 5.99 VDC
1.60 ~ 1.33 A
5%
0.5%
8W
0.2W
WMAPU10-103
6.5 ~ 8 VDC
1.33 ~ 1.00 A
5%
0.5%
8W
0.2W
WMAPU10-104
8 ~ 11 VDC
1.25 ~ 0.90 A
5%
0.5%
10W
0.3W
WMAPU10-105
11 ~ 13 VDC
0.90 ~ 0.76 A
5%
0.5%
10W
0.3W
WMAPU10-106
13 ~ 16 VDC
0.76 ~ 0.62A
5%
0.5%
10W
0.3W
WMAPU10-107
16 ~ 21 VDC
0.62 ~ 0.47 A
3%
0.5%
10W
0.3W
WMAPU10-108
21 ~ 27 VDC
0.47 ~ 0.37 A
3%
0.5%
10W
0.3W
WMAPU10-109
27 ~ 33 VDC
0.37 ~ 0.30 A
3%
0.5%
10W
0.3W
WMAPU10-110
33 ~ 40 VDC
0.30 ~ 0.25 A
3%
0.5%
10W
0.3W
WMAPU10-111
40 ~ 48 VDC
0.25 ~ 0.20 A
3%
0.5%
10W
0.3W
NOTES
1. The output voltage is specified as a range (ex: 33~40VDC); the customer must specify what they would like the output voltage set at.
2. Models WMAPU10A-102~105 need to use AWG#20/4FT output cable in order to meet the total regulation specified.
Models WMAPU10A-106~111 need to use AWG#24/4FT output cable in order to meet the total regulation specified.
The regulation and efficiency will change if a different output cable is used.
3. Optional output connectors are available for this series. Please call factory for ordering details.
DERATING


Similar Part No. - WMAPU10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMA-1005A1 ETC1-WMA-1005A1 Datasheet
74Kb / 3P
10-15Watts Single Output Wallmount adapter WMA series
WMA-1005A2 ETC1-WMA-1005A2 Datasheet
74Kb / 3P
10-15Watts Single Output Wallmount adapter WMA series
WMA-1005A3 ETC1-WMA-1005A3 Datasheet
74Kb / 3P
10-15Watts Single Output Wallmount adapter WMA series
WMA-1005A4 ETC1-WMA-1005A4 Datasheet
74Kb / 3P
10-15Watts Single Output Wallmount adapter WMA series
WMA-1005A5 ETC1-WMA-1005A5 Datasheet
74Kb / 3P
10-15Watts Single Output Wallmount adapter WMA series
More results

Similar Description - WMAPU10

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
WN10A-050 POWER-SYSTEMS-WN10A-050 Datasheet
102Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WN10B-050 POWER-SYSTEMS-WN10B-050 Datasheet
107Kb / 1P
AC-DC Power Supplies 10 WATTS WALL MOUNT AC ADAPTER
WRG20F-050B POWER-SYSTEMS-WRG20F-050B Datasheet
51Kb / 1P
AC-DC Power Supplies 20 WATTS WALL MOUNT TOP AC ADAPTER
logo
Wall Industries,Inc.
WMEM1024 WALL-WMEM1024 Datasheet
264Kb / 3P
16 - 36 Watts Medical AC - DC Wall Mount Power Supplies
WMIHPU25 WALL-WMIHPU25 Datasheet
558Kb / 4P
Up to 25 Watts, Medical AC - DC Wall Mount Power Supplies
WMGPSU06 WALL-WMGPSU06 Datasheet
307Kb / 4P
AC/DC Wall Mount Power Supplies
logo
XP Power Limited
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
AC-DC Power Supplies 10 Watts
logo
Wall Industries,Inc.
WMSAW6 WALL-WMSAW6 Datasheet
875Kb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSAW6USB WALL-WMSAW6USB Datasheet
1Mb / 5P
2.5~6 Watts AC/DC Wall Mount Power Supplies
WMSPU10 WALL-WMSPU10 Datasheet
231Kb / 4P
8~10 Watts AC/DC Wall Mount Power Supplies Single Outputs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com