Electronic Components Datasheet Search
  English  ▼

X  

PSSAC5 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSSAC5
Description  RoHS Compliant
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSSAC5 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSSAC5 Datasheet HTML 1Page - Wall Industries,Inc. PSSAC5 Datasheet HTML 2Page - Wall Industries,Inc. PSSAC5 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev B
PSSAC5 SERIES
5 Watts
AC/DC Converter
Single Output
5/3/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 3
FEATURES
• Universal Input Voltage Range of
90~264VAC
• High Efficiency
• Fully Encapsulated Plastic Case
• Compact Package
• Short Circuit, Over Load, and Over
Voltage Protection
• RoHS Compliant
• Design Refers to UL60950-1 &
IEC60950-1 Safety Standards
DESCRIPTION
The PSSAC5 series of AC/DC converters offers 5 watts of output power in very
compact 1” x 1” x 0.63” package. This series consists of single output models
with a universal input voltage range of 90~264VAC. Each model in this series
features a fully encapsulated plastic case, high efficiency, as well as short circuit,
over load, and over voltage protection. This series is RoHS compliant and the
design refers to UL60950-1 and IEC60950-1 safety standards.
Size: 1in x 1in x 0.63in (25.4mm x 25.4mm x 16.1mm)
MODEL SELECTION TABLE
Model Number Input Voltage Range Output Voltage
Output Current
Ripple & Noise
Maximum Capacitive Load
Efficiency
Output Power
Min Load
Max Load
PSSAC5-S033
90~264VAC
3.3VDC
0%
1515mA
60mV
2200µF
74%
5 Watts
PSSAC5-S05
5VDC
0%
1000mA
60mV
1000µF
80%
PSSAC5-S09
9VDC
0%
555mA
90mV
300µF
82%
PSSAC5-S12
12VDC
0%
416mA
120mV
160µF
82%
PSSAC5-S15
15VDC
0%
333mA
150mV
100µF
83%
PSSAC5-S24
24VDC
0%
208mA
240mV
43µF
83%
PSSAC5-S48
48VDC
0%
104mA
480mV
10µF
85%
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Rated Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Rated Input Voltage
Vo, Io nom
100~240
VAC
Voltage Range
Vo, Io nom
AC In
90
264
VAC
DC In
120
370
VDC
Line Frequency
Vi nom, Io nom
47
50/60
63
Hz
Inrush Current
Io nom
Vi: 115VAC
10
A
Vi: 230VAC
20
Input Fuse
VDC/UL/CCC
FUSE 2.5A/250V (Slow Blow)
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
3.3VDC & 5VDC Models
±3
%
Other Models
±2
Line Regulation
Io nom, Vi min…Vi max
±1.0
%
Load Regulation
±1.0
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
%
Maximum Capacitive Load
See Table
Ripple & Noise(1)
See Table
Transient Response Setting Time
Vi nom, Io nom =
0.5 Io nom
1000
uS
PROTECTION
Short Circuit Protection
Recovers automatically after fault condition is removed
Over Load Protection
Recovers automatically after fault condition is removed
Above 110% Rated Output Power
Over Voltage Protection
Zener diode clamp(2)
120%-150% Rated Output Voltage
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
See Derating Graph
-25
+70
ºC
Storage Temperature
Non Operational
-40
+85
ºC
Relative Humidity
Vi nom, Io nom
95
%RH
Cooling
Free Air Convection


Similar Part No. - PSSAC5

ManufacturerPart #DatasheetDescription
logo
Power-One
PSS POWER-ONE-PSS Datasheet
214Kb / 5P
9 - 25 A Switching Regulator
logo
Vishay Siliconix
PSS VISHAY-PSS Datasheet
97Kb / 4P
Custom Substrates - Conductor Resistor Pattern and Overcoat
26-Sep-2018
logo
Panasonic Battery Group
PSS PANASONICBATTERY-PSS Datasheet
60Kb / 1P
Lithium ion batteries
February 2010
logo
List of Unclassifed Man...
PSS-01-702 ETC1-PSS-01-702 Datasheet
70Kb / 2P
GORE-SHIELD짰 GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
logo
Wall Industries,Inc.
PSS-100-10 WALL-PSS-100-10 Datasheet
152Kb / 3P
100 Watt Single Output AC/DC Power Supply
More results

Similar Description - PSSAC5

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com