Electronic Components Datasheet Search
  English  ▼

X  

WMEM1005CVUx Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # WMEM1005CVUx
Description  RoHS Compliance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMEM1005CVUx Datasheet(HTML) 2 Page - Wall Industries,Inc.

  WMEM1005CVUx Datasheet HTML 1Page - Wall Industries,Inc. WMEM1005CVUx Datasheet HTML 2Page - Wall Industries,Inc. WMEM1005CVUx Datasheet HTML 3Page - Wall Industries,Inc. WMEM1005CVUx Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev B
WMEM1005 SERIES
6 Watts
AC/DC Medical Wall Mount Power Supply
Single Outputs
2/16/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
100
240
VAC
Input Frequency
50
60
Hz
Input Current
0.3
≤0.6
A
Inrush Current
≤60
A
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
±1
%
Load Regulation(4)
±5
%
Output Power
See Table
Output Current
See Table
Minimum Load
0
A
Ripple & Noise(3)
See Table
Hold-Up Time
≥8.3
mS
Temperature Coefficient
≤3
S
PROTECTION
Short Circuit Protection
Automatic Recovery
Over Current Protection
Automatic Recovery
Over Voltage Protection
Automatic Recovery
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0
40
ºC
Storage Temperature
-20
85
ºC
Operating Humidity
10
90
%
Storage Humidity
5
95
%
MTBF
100,000
Hours
GENERAL SPECIFICATIONS
Efficiency
Meets CEC Level VI (DoE)
PHYSICAL SPECIFICATIONS
Weight
2.47oz (70g)
Dimensions (L x W x H)
Horizontal Case
USB Output
2.19in x 1.46in x 1.07in
(55.6mm x 37.15mm x 27.1mm)
Strain Relief
2.17in x 1.42in x 0.98in
(55mm x 36.15mm x 25mm)
Vertical Case
USA, EU Plug
1.61in x 1.16in x 2.10in
(41mm x 29.4mm x 53.46mm)
UK Plug
1.61in x 1.37in x 2.10in
(41mm x 34.77mm x 53.46mm)
SAFETY CHARACTERISTICS
Safety Approvals
UL/cUL, UL60601, CB 60601, CE, FCC
NOTES
1.
“X” in model number indicates either a USB or Strain Relief output type. “X” is “U” for USB or “S” for Strain Relief.
2.
Please note, only US and EU plugs are available for the horizontal case type.
3.
Ripple & Noise is measured by using 20MHz bandwidth limited oscilloscope and terminated each output with a 0.1uF ceramic capacitor & parallel
with 47uF aluminum capacitor at full load and nominal line.
4.
Line regulation is defined by changing ±10% of input voltage from nominal line at rated load.
*Due to advances in technology, specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com