Electronic Components Datasheet Search
  English  ▼

X  

SAM5282 Datasheet(PDF) 2 Page - AUK corp

Part # SAM5282
Description  Dual Color LED Lamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SAM5282 Datasheet(HTML) 2 Page - AUK corp

  SAM5282 Datasheet HTML 1Page - AUK corp SAM5282 Datasheet HTML 2Page - AUK corp SAM5282 Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLD-9007-001
2
SAM5282
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
85
mW
Forward Current
IF
30
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25~85
℃
Storage Temperature
Tstg
-30~100
℃
Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Red
-
2.0
2.7
Forward Voltage
VF
Y-Green
IF= 20mA
-
2.2
2.8
V
Red
-
6
-
Luminous Intensity
IV
Y-Green
IF= 20mA
-
8
-
mcd
Red
-
630
-
Peak Wavelength
λ
P
Y-Green
IF= 20mA
-
570
-
nm
Red
-
35
-
Spectrum Bandwidth
Δλ Y-Green
IF= 20mA
-
30
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com