Electronic Components Datasheet Search
  English  ▼

X  

PSATC Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSATC
Description  10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATC Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSATC_18 Datasheet HTML 1Page - Wall Industries,Inc. PSATC_18 Datasheet HTML 2Page - Wall Industries,Inc. PSATC_18 Datasheet HTML 3Page - Wall Industries,Inc. PSATC_18 Datasheet HTML 4Page - Wall Industries,Inc. PSATC_18 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev H
PSATC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power
Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
TECHNICAL SPECIFICATIONS: PSATC SERIES
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage
AC input voltage range
90
264
VAC
DC input voltage range
120
370
VDC
Input Frequency
47
440
Hz
Input Current
At 115VAC and full load
200
mA
At 230VAC and full load
130
Inrush Current (<2ms)
Standard Models
At 115VAC
10
A
At 230VAC
20
“-E1” Suffix Models
At 115VAC
23
A
At 230VAC
46
External Fuse (recommended)
1.5A slow blow type
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
-2
+2
%
Line Regulation
Low Line to High Line
-0.5
+0.5
%
Load Regulation
5% to 100% load
-1
+1
%
Output Power
10
W
Output Current
See Table
Minimum Load
See Table
Ripple & Noise
Ripple
Measured at 20MHz BW and with a 47µF tantalum capacitor
and a 0.1µF ceramic capacitor in parallel across the output.
< 0.2% Vout +40mV max.
Vp-p
Noise
< 0.5% Vout +50mV max.
Maximum Capacitive Load
See Table
Hold-Up Time
15
ms
Temperature Coefficient
±0.02
%/°C
PROTECTION
Short Circuit Protection
Hiccup mode, indefinite (auto-recovery)
Over Voltage Protection
Zener diode clamp
Over Power Protection
Hiccup technique, auto-recovery
GENERAL SPECIFICATIONS
Efficiency
See Table
Switching Frequency
100
KHz
Isolation Voltage
Input to Output
3000
VAC
Input to FG
1500
Output to FG
500
Leakage Current
0.75
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
Standard Models
-25
+70
°C
“-E1” Suffix Models
-40
+70
Storage Temperature
-40
+85
°C
Humidity
95
% RH
Cooling
Free air convection
MTBF
25°C (MIL-HDBK-217F)
250,000
hours
PHYSICAL SPECIFICATIONS
Weight
3.25oz (92g)
With Baseplate
6.17oz (175g)
Case Material
Plastic resin with fiberglass (Flammability to UL 94V-0)
Dimensions (L x W x H)
2.52 x 1.77 x 0.85 inches (64.0 x 45.0 x 21.5 mm)
SAFETY & EMC
Safety Approvals
UL/cUL, CE
EMC
EMI (Conducted and Radiated Emissions)
EN 55022 Class B
EMS (Noise Immunity)
EN 50082-1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com