Electronic Components Datasheet Search
  English  ▼

X  

PSATC Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSATC
Description  10 Watt AC/DC Encapsulated PCB Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSATC Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSATC Datasheet HTML 1Page - Wall Industries,Inc. PSATC Datasheet HTML 2Page - Wall Industries,Inc. PSATC Datasheet HTML 3Page - Wall Industries,Inc. PSATC Datasheet HTML 4Page - Wall Industries,Inc. PSATC Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev H
PSATC SERIES
10 Watt AC/DC Encapsulated PCB Mount Power
Supplies
09/03/2013
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-
9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
Size:
Weight:
2.52 x 1.77 x 0.85 inches 3.25oz (92g)
64.0 x 45.0 x 21.5 mm
FEATURES
• RoHS Compliant
• 10 Watts Output Power
• Low Ripple and Noise
• Single and Dual Outputs
• UL/cUL and CE Approvals
• Fully Encapsulated Plastic Case
• PCB Mountable Switching Power Supplies
• -25°C to +70°C Operating Temperature Range
• Optional -40°C~+70°C Operating Temperature Range
• Universal Input Voltage Range: 90-264VAC (120-370VDC)
• Short Circuit, Over Power, and Over Voltage Protection
• Screw Terminal Mechanical Options Available
DESCRIPTION
The PSATC series of AC/DC switching power supplies provides 10 watts of output power in a
2.52” x 1.77” x 0.85” encapsulated PCB mountable package. This series consists of single and
dual output models with a universal input range of 90-264VAC (120-370VDC). Some features
include low ripple and noise, -25°C to +70°C operating temperature range, and over power, over
voltage, and short circuit protection. The PSATC series also has two types of screw terminal
mechanical options and an extended operating temperature option available. All models are RoHS
compliant and have UL/cUL and CE safety approvals.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Line
Regulation
Load Regulation
(5% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load(1) Max Load
PSATC-3.3S
90~264 VAC
(120~370
VDC)
3.3 VDC
4%
3000mA
±0.5%
±1%
10W
65%
70,000µF
PSATC-5S
5 VDC
5%
2000mA
±0.5%
±1%
10W
71%
35,
000μF
PSATC-12S
12 VDC
5%
833mA
±0.5%
±1%
10W
76%
11,
000μF
PSATC-15S
15 VDC
3%
666mA
±0.5%
±1%
10W
75%
70
00μF
PSATC-24S
24 VDC
5%
426mA
±0.5%
±1%
10W
75%
23
00μF
DUAL OUTPUT MODELS
Model Number
Input Voltage
Output
Voltage
Output Current
Line
Regulation
Load Regulation
(5% - 100%)
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load(1) Max Load
PSATC-5D
90~264 VAC
(120~370
VDC)
±5 VDC
1%
±800mA
±0.5%
±1%
8W
73%
±22,000µF
PSATC-12D
±12 VDC
3%
±380mA
±0.5%
±1%
10W
75%
±3000µF
PSATC-15D
±15 VDC
1%
±300mA
±0.5%
±1%
10W
74%
±2000µF
NOTES
1. Some models require a minimum loading on the output to maintain specified regulations. Operation under no-load conditions will
not damage these devices; however, they may not meet all listed specifications.
2. For -40°C to +70°C extended operating temperature range please add the suffix –E1 to the model number (Ex: PSATC-12S-E1).
3. Screw terminal mechanical options available (see page 4). Please call factory for ordering details.
Due to advances in technology, specifications subject to change without notice.
MODEL NUMBER SET
PSATC
-
12
S
-
E1
A2
Series Name
Output Voltage
Output Quantity
Operating Temperature Options
Screw Terminal Options
3.3: 3.3 VDC
S: Single Output
None:
-25°C to +70°C Operating
Temp.
None:
Encapsulated PCB
Mount
5: 5 VDC
E1:
-40°C to +70°C Operating
Temp.
A2: See page 4
12: 12 VDC
A5: See page 4
15: 15 VDC
24: 24 VDC
5: ±5 VDC
D: Dual Output
12: ±12 VDC
15: ±15 VDC


Similar Part No. - PSATC

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSATC WALL-PSATC Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC-12D WALL-PSATC-12D Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC-12S WALL-PSATC-12S Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC-15D WALL-PSATC-15D Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
PSATC-15S WALL-PSATC-15S Datasheet
156Kb / 3P
10 Watt Single and Dual Outputs Encapsulated AC/DC Power Supply
More results

Similar Description - PSATC

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME10 AIMTEC-AME10 Datasheet
364Kb / 3P
10 watt encapsulated ac-dc converter
AMEL10 AIMTEC-AMEL10 Datasheet
300Kb / 2P
10 watt encapsulated ac-dc converter
logo
Wall Industries,Inc.
PSAFC WALL-PSAFC Datasheet
159Kb / 3P
10 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAHC WALL-PSAHC Datasheet
330Kb / 6P
5 Watt Single Output Encapsulated PCB Mount AC/DC Switching Power Supply
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
AC/DC PCB Mount Power Supplies
PSAYC WALL-PSAYC_18 Datasheet
340Kb / 6P
2 Watt AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC_18 Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
AC-DC Power Supplies PCB Mount type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com