Electronic Components Datasheet Search
  English  ▼

X  

WMEA1005CHUS Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # WMEA1005CHUS
Description  RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

WMEA1005CHUS Datasheet(HTML) 3 Page - Wall Industries,Inc.

  WMEA1005CHUS Datasheet HTML 1Page - Wall Industries,Inc. WMEA1005CHUS Datasheet HTML 2Page - Wall Industries,Inc. WMEA1005CHUS Datasheet HTML 3Page - Wall Industries,Inc. WMEA1005CHUS Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev C
WMEA1005 SERIES
6 Watts
AC/DC Wall Mount Power Supplies
Single Output
2/16/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 3 of 4
MECHANICAL DRAWINGS
MODEL NUMBER SETUP
WMEA1005
B
V
U
S
Series Name
Output Voltage Range
Case Type
AC Plug Type
Output Type
A: 5~8V
V: Vertical
U: USA
U: USB
B: 9~12V
H: Horizontal
E: EU
S: SR
C: 9V
K: UK
D: 9V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com