Electronic Components Datasheet Search
  English  ▼

X  

DAM-1H Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DAM-1H
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DAM-1H Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DAM-1H Datasheet HTML 1Page - PAIRUI GROUP INC. DAM-1H Datasheet HTML 2Page - PAIRUI GROUP INC. DAM-1H Datasheet HTML 3Page - PAIRUI GROUP INC. DAM-1H Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
DIP-Package
DAM-1H SERIES, 1WATT, 6KVDC, ISOLATED, UNREGULATED
FEATURES:
6000Vdc isolation voltage
Single and dual output models
High efficiency, and low ripple & noise
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DAM1-0511H
5(4.5~5.5)
5
20
200
68%
DAM1-0512H
9
11.1
111
74%
DAM1-0513H
12
8.3
83
68%
DAM1-0514H
15
6.7
67
68%
DAM1-0521H
±5
10
100
70%
DAM1-0522H
±9
5.6
56
71%
DAM1-0523H
±12
4.2
42
68%
DAM1-0524H
±15
3.3
33
72%
DAM1-1211H
12(10.8~13.2)
5
20
200
70%
DAM1-1212H
9
11.1
111
71%
DAM1-1213H
12
8.3
83
74%
DAM1-1214H
15
6.7
67
74%
DAM1-1221H
±5
10
100
70%
DAM1-1222H
±9
5.6
56
70%
DAM1-1223H
±12
4.2
42
70%
DAM1-1224H
±15
3.3
33
69%
DAM1-1511H
15(13.5~16.5)
5
20
200
70%
DAM1-1512H
9
11.1
111
72%
DAM1-1513H
12
8.3
83
72%
DAM1-1514H
15
6.7
67
68%
DAM1-1521H
±5
10
100
70%
DAM1-1522H
±9
5.6
56
72%
DAM1-1523H
±12
4.2
42
72%
DAM1-1524H
±15
3.3
33
70%


Similar Part No. - DAM-1H

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DAM-1 PAIRUI-DAM-1 Datasheet
627Kb / 4P
DC-DC Converter
logo
ITT Industries
DAM-11W1P-1A0N-K87 ITT-DAM-11W1P-1A0N-K87 Datasheet
9Mb / 301P
D Subminiature Connectors
DAM-11W1P-N ITT-DAM-11W1P-N Datasheet
34Kb / 1P
Brand: Cannon Product Category: D Sub Product Line: D Sub Series: COMBO D
DAM-11W1P-NMB-K52 ITT-DAM-11W1P-NMB-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
DAM-11W1P-NMC-K52 ITT-DAM-11W1P-NMC-K52 Datasheet
5Mb / 62P
Ensuring over 20 years of mission critical communication between two worlds across 250,000,000 milies
More results

Similar Description - DAM-1H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com