Electronic Components Datasheet Search
  English  ▼

X  

DBE-2 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DBE-2
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DBE-2 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DBE-2 Datasheet HTML 1Page - PAIRUI GROUP INC. DBE-2 Datasheet HTML 2Page - PAIRUI GROUP INC. DBE-2 Datasheet HTML 3Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.pairuigroup.com
Page:
1/3
Date: 07/20/2015
* Subject to change without prior notice
DC-DC Converter
SIP-Package
DBE-2 SERIES, 2WATT, 1.5KVDC, UNREGULATED
FEATURES:
1500Vdc isolation voltage
Single output models
Operating temperature range -40
℃ to +85℃
Short circuit protection
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DBE2-0310
3.3(3.0~3.6)
3.3
40
400
73%
DBE2-0311
5
40
400
78%
DBE2-0312
9
22.2
222
72%
DBE2-0313
12
16.7
167
72%
DBE2-0314
15
13.3
133
72%
DBE2-0510
5(4.5~5.5)
3.3
40
400
74%
DBE2-0511
5
40
400
80%
DBE2-0512
9
22.2
222
84%
DBE2-0513
12
16.7
167
83%
DBE2-0514
15
13.3
133
84%
DBE2-1210
12(10.8~13.2)
3.3
40
400
72%
DBE2-1211
5
40
400
81%
DBE2-1212
9
22.2
222
82%
DBE2-1213
12
16.7
167
85%
DBE2-1214
15
13.3
133
82%
DBE2-1510
15(13.5~16.5)
3.3
40
400
72%
DBE2-1511
5
40
400
80%
DBE2-1512
9
22.2
222
72%
DBE2-1513
12
16.7
167
72%
DBE2-1514
15
13.3
133
80%
DBE2-2410
24(21.6~26.4)
3.3
40
400
76%
DBE2-2411
5
40
400
80%
DBE2-2412
9
22.2
222
83%
DBE2-2413
12
16.7
167
84%
DBE2-2414
15
13.3
133
72%
Notes: 1. other input and output models may available on request;
2. Add suffix “P” for continuous short circuit protection.


Similar Part No. - DBE-2

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DBE-1 PAIRUI-DBE-1 Datasheet
362Kb / 3P
DC-DC Converter
DBE-1 PAIRUI-DBE-1 Datasheet
379Kb / 3P
DC-DC Converter
DBE-1F PAIRUI-DBE-1F Datasheet
396Kb / 3P
DC-DC Converter
DBE-1 PAIRUI-DBE-1_15 Datasheet
379Kb / 3P
DC-DC Converter
More results

Similar Description - DBE-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com