Electronic Components Datasheet Search
  English  ▼

X  

DTM-1 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DTM-1
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DTM-1 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DTM-1 Datasheet HTML 1Page - PAIRUI GROUP INC. DTM-1 Datasheet HTML 2Page - PAIRUI GROUP INC. DTM-1 Datasheet HTML 3Page - PAIRUI GROUP INC. DTM-1 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page:
1/4
Date: 11/25/2015
* Subject to change without prior notice
DC-DC Converter
SMD-Package
DTM-1 SERIES, 1WATT, 1.5KVDC, ISOLATED, UNREGULATED
FEATURES:
1500Vdc isolation voltage
Single and dual output models
High efficiency, and low ripple and noise
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
Min.
Max.
DTM1-0310
3.3(3.0~3.6)
3.3
30
300
60%
DTM1-0311
5
20
200
68%
DTM1-0312
9
11.1
111
76%
DTM1-0313
12
8.3
83
77%
DTM1-0314
15
6.7
67
78%
DTM1-0321
±5
10
100
70%
DTM1-0322
±9
5.6
56
73%
DTM1-0323
±12
4.2
42
78%
DTM1-0324
±15
3.3
33
79%
DTM1-0510
5(4.5~5.5)
3.3
30
300
60%
DTM1-0511
5
20
200
70%
DTM1-0512
9
11.1
111
76%
DTM1-0513
12
8.3
83
78%
DTM1-0514
15
6.7
67
78%
DTM1-0521
±5
10
100
70%
DTM1-0522
±9
5.6
56
73%
DTM1-0523
±12
4.2
42
77%
DTM1-0524
±15
3.3
33
78%
DTM1-1210
12(10.8~13.2)
3.3
30
300
60%
DTM1-1211
5
20
200
71%
DTM1-1212
9
11.1
111
73%
DTM1-1213
12
8.3
83
80%
DTM1-1214
15
6.7
67
81%
DTM1-1221
±5
10
100
70%
DTM1-1222
±9
5.6
56
73%
DTM1-1223
±12
4.2
42
77%
DTM1-1224
±15
3.3
33
78%
DTM1-1511
15(13.5~16.5)
5
20
200
70%
DTM1-1514
15
6.7
67
80%


Similar Part No. - DTM-1

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
DTM-100 TALEMA-DTM-100 Datasheet
37Kb / 1P
T3/DS3/E3/STS-1 Tri-Port Transformer Modules
logo
PAIRUI GROUP INC.
DTM-1F PAIRUI-DTM-1F Datasheet
496Kb / 4P
DC-DC Converter
More results

Similar Description - DTM-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com