Electronic Components Datasheet Search
  English  ▼

X  

FL6961 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FL6961
Description  Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FL6961 Datasheet(HTML) 4 Page - ON Semiconductor

  FL6961 Datasheet HTML 1Page - ON Semiconductor FL6961 Datasheet HTML 2Page - ON Semiconductor FL6961 Datasheet HTML 3Page - ON Semiconductor FL6961 Datasheet HTML 4Page - ON Semiconductor FL6961 Datasheet HTML 5Page - ON Semiconductor FL6961 Datasheet HTML 6Page - ON Semiconductor FL6961 Datasheet HTML 7Page - ON Semiconductor FL6961 Datasheet HTML 8Page - ON Semiconductor FL6961 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FL6961 • Rev. 1.0.2
3
Marking Information
Figure 4. Marking Information
Pin Configuration
Figure 5.
Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1
INV
Inverting Input of the Error Amplifier
. INV is connected to the converter output via a resistive
divider. This pin is also used for over-voltage clamping and open-loop feedback protection.
2
COMP
Output of the Error Amplifier
. To create a precise clamping protection, a compensation network
between this pin and GND is suggested.
3
MOT
Maximum On Time
. A resistor from MOT to GND is used to determine the maximum on-time of
the external power MOSFET. The maximum output power of the converter is a function of the
maximum on-time.
4
CS
Current Sense
. Input to the over-current protection comparator. When the sensed voltage across
the sense resistor reaches the internal threshold (0.8V), the switch is turned off to activate cycle-
by-cycle current limiting.
5
ZCD
Zero-Current Detection
. This pin is connected to an auxiliary winding via a resistor to detect the
zero crossing of the switch current. When the zero crossing is detected, a new switching cycle is
started. If it is connected to GND, the device is disabled.
6
GND
Ground
. The power ground and signal ground. Placing a 0.1µF decoupling capacitor between
VCC and GND is recommended.
7
GATE
Driver Output
. Totem-pole driver output to drive the external power MOSFET. The clamped gate
output voltage is 16.5V.
8
VCC
Power Supply
. Driver and control circuit supply voltage.
F
- Fairchild Logo
Z- Plant Code
X- Year Code
Y- Week Code
TT: Die Run Code
T: Package Type (M=SOP)
P: Z: Pb Free
Y: Green Compound
M: Manufacture Flow Code
FL6961
TPM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com