Electronic Components Datasheet Search
  English  ▼

X  

LRTBGFTG Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRTBGFTG
Description  white P-LCC-6 package, higher contrast by a black surface (RGB-Displays) and diffused silicone resin
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGFTG Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRTBGFTG Datasheet HTML 7Page - OSRAM GmbH LRTBGFTG Datasheet HTML 8Page - OSRAM GmbH LRTBGFTG Datasheet HTML 9Page - OSRAM GmbH LRTBGFTG Datasheet HTML 10Page - OSRAM GmbH LRTBGFTG Datasheet HTML 11Page - OSRAM GmbH LRTBGFTG Datasheet HTML 12Page - OSRAM GmbH LRTBGFTG Datasheet HTML 13Page - OSRAM GmbH LRTBGFTG Datasheet HTML 14Page - OSRAM GmbH LRTBGFTG Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LRTB GFTG
2009-05-29
11
Durchlassstrom
6) Seite 25
Forward Current
6) page 25
I
F = f (VF); TA = 25 °C
Relative Lichtstärke
6) Seite 25
Relative Luminous Intensity
6) page 25
IV/IV(25 °C) = f (TA); IF = 20 mA
Relative Lichtstärke
6) 7) Seite 25
Relative Luminous Intensity
6) 7) page 25
I
V/IV(20 mA) = f (IF); TA = 25 °C
OHL03763
1.5
V
F
I
V
F
mA
2
2.5
3
3.5
4
4.5
0
10
10
1
10
2
5
5
true green
blue
red
-60
0
Tj
OHL03760
˚C
-40 -20
020 40 60
100
0.2
0.4
0.6
0.8
1.0
1.2
1.6
blue
true green
red
(25 ˚C)
I
V
I
V
OHL04008
10
-2
mA
I
F
0
10
1
10
2
10
55
1
10
5
-1
10
5
0
10
(20 mA)
I
I
V
V
10
-1
green
red
blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com