Electronic Components Datasheet Search
  English  ▼

X  

SM16706FN Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # SM16706FN
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM16706FN Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  SM16706FN Datasheet HTML 1Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 2Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 3Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 4Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 5Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 6Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 7Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 8Page - SamHop Microelectronics Corp. SM16706FN Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page 2
V.2.0 MAY,2003
PIN DESCRIPTION
SM16706P/SP/F/FN
SAMHOP Microelectronics Corp.
16-BIT CONSTANT CURRENT LED DRIVER
3
I
Input terminal of a clock for shift register on rising edge.
1
GND terminal
2
I
Terminal of serial-data input to the shift register.
Pin NO.
I / O
Function Description
4
I
Input terminal of data strobe. Latches pass data with
"H" level input of LATCH-terminal, and hold data with
"L" level input.
5 ~ 20
O
Constant Current-sinking output terminals.
24
5V supply voltage terminal.
23
I / O
An external resistor at this terminal establishes all of the
output current.
22
O
Output terminal of serial-data for next SERIAL-IN terminal.
21
I
Input terminal of output enable. All outputs (OUT0~15) do
off with "H" level input of ENABLE-terminal and do on
with "L" level input.
CLOCK
GND
SERIAL-IN
Pin Name
LATCH
OUT0 ~ 15
VDD
R-EXT
SERIAL-OUT
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com