Electronic Components Datasheet Search
  English  ▼

X  

LTTVMG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTTVMG
Description  black PLCC-2 package, colorless resin
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTTVMG Datasheet(HTML) 1 Page - OSRAM GmbH

  LTTVMG Datasheet HTML 1Page - OSRAM GmbH LTTVMG Datasheet HTML 2Page - OSRAM GmbH LTTVMG Datasheet HTML 3Page - OSRAM GmbH LTTVMG Datasheet HTML 4Page - OSRAM GmbH LTTVMG Datasheet HTML 5Page - OSRAM GmbH LTTVMG Datasheet HTML 6Page - OSRAM GmbH LTTVMG Datasheet HTML 7Page - OSRAM GmbH LTTVMG Datasheet HTML 8Page - OSRAM GmbH LTTVMG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2013-09-23
1
2013-09-23
TOPLED Black
Datasheet
Version 1.0
LT TVMG
TOPLED Black is especially designed for variable
message signs (VMS) and price changers. The black
package offers premium contrast for display panels.
TOPLED Black ist speziell für den Einsatz in
elektronischen Textanzeigen (VMS) und
Preisanzeigen entwickelt worden. Das schwarze
Gehäuse bietet exzellenten Kontrast für den Einsatz in
Displays.
Features:
Besondere Merkmale:
• Package: black PLCC-2 package, colorless resin
• Gehäusetyp: schwarzes PLCC-2 Gehäuse,
farbloser Verguss
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: 110°
• Abstrahlwinkel bei 50 % IV: 110°
• Color: true green (528 nm)
• Farbe: true green (528 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Information Disyplays
• Informationsanzeigen
• Signaling
• Signalanlagen
• Signal and Symbol Luminary
• Signal- und Symbolleuchten
• Variable Message Signs (VMS)
• Wechselanzeigen (VMS)


Similar Part No. - LTTVMG

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
LTT TRANSKO-LTT Datasheet
371Kb / 1P
CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
logo
Lite-On Technology Corp...
LTT-307GE-112A LITEON-LTT-307GE-112A Datasheet
238Kb / 5P
Property of Lite-On Only
logo
Mountz Torque. All Righ...
LTT100F MOUNTZ-LTT100F Datasheet
580Kb / 1P
TorqueLab LTT Series
LTT100I MOUNTZ-LTT100I Datasheet
580Kb / 1P
TorqueLab LTT Series
LTT10I MOUNTZ-LTT10I Datasheet
580Kb / 1P
TorqueLab LTT Series
More results

Similar Description - LTTVMG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRT6MF OSRAM-LRT6MF Datasheet
599Kb / 22P
black PLCC-2 package, colorless resin
LB-T66G OSRAM-LB-T66G Datasheet
2Mb / 23P
black PLCC-2 package, colorless resin
LB-T64G OSRAM-LB-T64G Datasheet
714Kb / 24P
black PLCC-2 package, colorless resin
LO-T64F OSRAM-LO-T64F Datasheet
2Mb / 24P
black PLCC-2 package, colorless resin
LO-T66F OSRAM-LO-T66F Datasheet
2Mb / 23P
black PLCC-2 package, colorless resin
LR-T6MF OSRAM-LR-T6MF Datasheet
599Kb / 22P
black PLCC-2 package, colorless resin
LR-T66F OSRAM-LR-T66F Datasheet
2Mb / 23P
black PLCC-2 package, colorless resin
LT-T66G OSRAM-LT-T66G Datasheet
1Mb / 22P
black PLCC-2 package, colorless resin
LY-T6MF OSRAM-LY-T6MF Datasheet
595Kb / 21P
black PLCC-2 package, colorless resin
LY-T64F OSRAM-LY-T64F Datasheet
2Mb / 24P
black PLCC-2 package, colorless resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com